Electronic Components Datasheet Search
  English  ▼

X  

UCD3138A64 Datasheet(PDF) 20 Page - Texas Instruments

Click here to check the latest version.
Part # UCD3138A64
Description  UCD3138x Highly-Integrated Digital Controller For Isolated Power
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

UCD3138A64 Datasheet(HTML) 20 Page - Texas Instruments

Back Button UCD3138A64 Datasheet HTML 16Page - Texas Instruments UCD3138A64 Datasheet HTML 17Page - Texas Instruments UCD3138A64 Datasheet HTML 18Page - Texas Instruments UCD3138A64 Datasheet HTML 19Page - Texas Instruments UCD3138A64 Datasheet HTML 20Page - Texas Instruments UCD3138A64 Datasheet HTML 21Page - Texas Instruments UCD3138A64 Datasheet HTML 22Page - Texas Instruments UCD3138A64 Datasheet HTML 23Page - Texas Instruments UCD3138A64 Datasheet HTML 24Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 80 page
background image
Error ADC
(Front End)
Filter
Digital
PWM
EAP
EAN
DPWMA
DPWMB
UCD3138128, UCD3138A64
SLUSBZ8A – JUNE 2014 – REVISED SEPTEMBER 2014
www.ti.com
Feature Description (continued)
Table 1. Interrupt Priority Table (continued)
MODULE COMPONENT OR
NAME
DESCRIPTION
PRIORITY
REGISTER
“Prebias complete”, “Ramp Delay Complete”, “Ramp
Complete”, “Load Step Detected”,
FE1_INT
Front End 1
12
“Over-Voltage Detected”, “EADC saturated”
“Prebias complete”, “Ramp Delay Complete”, “Ramp
Complete”, “Load Step Detected”,
FE2_INT
Front End 2
13
“Over-Voltage Detected”, “EADC saturated”
PWM3_INT
16-bit Timer PWM 3
16-bit Timer PWM3 counter overflow or compare interrupt
14
PWM2_INT
16-bit Timer PWM 2
16-bit Timer PWM2 counter Overflow or compare interrupt
15
PWM1_INT
16-bit Timer PWM 1
16-bit Timer PWM1 counter overflow or compare interrupt
16
PWM0_INT
16-bit timer PWM 0
16-bit Timer PWM0 counter overflow or compare interrupt
17
OVF24_INT
24-bit Timer Control
24-bit Timer counter overflow interrupt
18
CAPTURE_1_INT
24-bit Timer Control
24-bit Timer capture 1 interrupt
19
Reserved for future use
20
CAPTURE_0_INT
24-bit Timer Control
24-bit Timer capture 0 interrupt
21
COMP_0_INT
24-bit Timer Control
24-bit Timer compare 0 interrupt
22
Constant Power Constant Current
Mode switched in CPCC module Flag needs to be read for
CPCC_RTC_INT
23
or Real Time Clock Output
details. RTC timer output generates an interrupt.
ADC_CONV_INT
12-bit ADC Control
ADC end of conversion interrupt
24
Analog comparator interrupts, Over-Voltage detection,
Under-Voltage detection,
FAULT_INT
Fault Mux Interrupt
25
LLM load step detection
DPWM3
DPWM3
Same as DPWM1
26
DPWM2
DPWM2
Same as DPWM1
27
1) Every (1-256) switching cycles
DPWM1
DPWM1
2) Fault Detection
28
3) Mode switching
DPWM0
DPWM0
Same as DPWM1
29
EXT_FAULT_INT
External Faults
Fault pin interrupt
30
SYS_SSI_INT
System Software
System software interrupt
31 (highest)
9.3.2 Peripherals
9.3.2.1
Digital Power Peripherals
At the core of the UCD3138x controller are 3 Digital Power Peripherals (DPP). Each DPP can be configured to
drive from one to eight DPWM outputs. Each DPP consists of:
•
Differential input error ADC (EADC) with sophisticated controls
•
Hardware accelerated digital 2-pole/2-zero PID based filter
•
Digital PWM module with support for a variety of topologies
These can be connected in many different combinations, with multiple filters and DPWMs. They are capable of
supporting functions like input voltage feed forward, current mode control, and constant current/constant power,
etc.. The simplest configuration is shown in the following figure:
20
Submit Documentation Feedback
Copyright © 2014, Texas Instruments Incorporated
Product Folder Links: UCD3138128 UCD3138A64



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com