Electronic Components Datasheet Search
  English  ▼

X  

UCD3138128PFCR Datasheet(PDF) 16 Page - Texas Instruments

Click here to check the latest version.
Part # UCD3138128PFCR
Description  UCD3138x Highly-Integrated Digital Controller For Isolated Power
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

UCD3138128PFCR Datasheet(HTML) 16 Page - Texas Instruments

Back Button UCD3138128PFCR Datasheet HTML 12Page - Texas Instruments UCD3138128PFCR Datasheet HTML 13Page - Texas Instruments UCD3138128PFCR Datasheet HTML 14Page - Texas Instruments UCD3138128PFCR Datasheet HTML 15Page - Texas Instruments UCD3138128PFCR Datasheet HTML 16Page - Texas Instruments UCD3138128PFCR Datasheet HTML 17Page - Texas Instruments UCD3138128PFCR Datasheet HTML 18Page - Texas Instruments UCD3138128PFCR Datasheet HTML 19Page - Texas Instruments UCD3138128PFCR Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 80 page
background image
AVG
3 σ
1 σ
-1 σ
-3 σ
2.06
2.04
2.02
2
1.98
1.96
1.94
-50
2.08
1.92
0
50
100
150
200
-100
Temperature (°C)
2.475
2.480
2.485
2.490
2.495
2.500
2.505
2.510
2.515
−40
−20
0
20
40
60
80
100
120
Temperature (°C)
G003b
ADC12 2.5-V Reference
−4
−2
0
2
4
6
8
−40
−20
0
20
40
60
80
100
120
Temperature (°C)
G002b
ADC12 Temperature Sensor Measurement Error
1.6
1.7
1.8
1.9
2
2.1
−40
−20
0
20
40
60
80
100
120
Temperature (°C)
G005a
1.4
1.6
1.8
2.0
2.2
2.4
2.6
−60 −40 −20
0
20
40
60
80
100 120 140 160
Temperature (°C)
G006b
ADC12 Measurement Temperature Sensor Voltage
UCD3138128, UCD3138A64
SLUSBZ8A – JUNE 2014 – REVISED SEPTEMBER 2014
www.ti.com
8.11 Typical Characteristics
Figure 5. ADC12 Measurement Temperature Sensor Voltage
Figure 4. EADC LSB Size With 4x Gain (Mv) vs. Temperature
vs. Temperature
Figure 7. ADC12 Temperature Sensor Measurement Error
Figure 6. ADC12 2.5-V Reference vs. Temperature
vs. Temperature
Figure 8. Oscillator Frequency (2MHz Reference, Divided Down From 250MHz) vs. Temperature
16
Submit Documentation Feedback
Copyright © 2014, Texas Instruments Incorporated
Product Folder Links: UCD3138128 UCD3138A64



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com