Electronic Components Datasheet Search
  English  ▼

X  

MAX660 Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX660
Description  CMOS Monolithic Voltage Converter
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX660 Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX660 Datasheet HTML 1Page - Maxim Integrated Products MAX660 Datasheet HTML 2Page - Maxim Integrated Products MAX660 Datasheet HTML 3Page - Maxim Integrated Products MAX660 Datasheet HTML 4Page - Maxim Integrated Products MAX660 Datasheet HTML 5Page - Maxim Integrated Products MAX660 Datasheet HTML 6Page - Maxim Integrated Products MAX660 Datasheet HTML 7Page - Maxim Integrated Products MAX660 Datasheet HTML 8Page - Maxim Integrated Products MAX660 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
CMOS Monolithic Voltage Converter
_________________________________________________________________________________________________
3
100
60
0
20
60
100
EFFICIENCY vs. LOAD CURRENT
68
92
LOAD CURRENT (mA)
40
80
84
76
V+ = 5.5V
V+ = 4.5V
V+ = 3.5V
V+ = 1.5V
V+ = 2.5V
400
0
1.5
2.5
4.5
5.5
SUPPLY CURRENT
vs. SUPPLY VOLTAGE
100
300
SUPPLY VOLTAGE (V)
3.5
200
350
250
150
50
2.0
3.0
4.0
5.0
LV = OUT
LV = GND
LV = OPEN
10
0.01
0.1
10
100
SUPPLY CURRENT
vs. OSCILLATOR FREQUENCY
0.1
1
OSCILLATOR FREQUENCY (kHz)
1
-3.0
-5.0
0
20
60
100
OUTPUT VOLTAGE AND EFFICIENCY
vs. LOAD CURRENT, V+ = 5V
-4.6
-3.4
LOAD CURRENT (mA)
40
80
-3.8
-4.2
100
92
84
76
68
60
ICL7660
ICL7660
MAX660
MAX660
VOUT
EFF.
1.2
0
0
100
OUTPUT VOLTAGE DROP
vs. LOAD CURRENT
0.2
1.0
LOAD CURRENT (mA)
60
0.6
0.4
20
40
80
0.8
10
30
50
70
90
V+ = 4.5V
V+ = 5.5V
V+ = 3.5V
V+ = 2.5V
V+ = 1.5V
__________________________________________Typical Operating Characteristics
-4.0
0.1
10
100
OUTPUT VOLTAGE
vs. OSCILLATOR FREQUENCY
-3.5
-5.0
OSCILLATOR FREQUENCY (kHz)
1
-4.5
-3.0
ILOAD = 1mA
ILOAD = 80mA
ILOAD = 10mA
MAX660
1
2
3
4
8
7
6
5
V+
C2
C1
IS
V+
(+5V )
VOUT
RL
IL
CAP+
FC
GND
CAP-
OSC
V+
LV
OUT
Figure 1. MAX660 Test Circuit
All curves are generated using the test circuit of Figure 1
with V+ =5V, LV = GND, FC = open, and TA = +25°C,
unless otherwise noted. The charge-pump frequency is
one-half the oscillator frequency. Test results are also
valid for doubler mode with GND = +5V, LV = OUT, and
OUT = 0V, unless otherwise noted; however, the input
voltage is restricted to +2.5V to +5.5V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com