Electronic Components Datasheet Search
  English  ▼

X  

MAX652CSA Datasheet(PDF) 13 Page - Maxim Integrated Products

Part # MAX652CSA
Description  5V/3.3V/3V or Adjustable, High-Efficiency,
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX652CSA Datasheet(HTML) 13 Page - Maxim Integrated Products

Back Button MAX652CSA Datasheet HTML 8Page - Maxim Integrated Products MAX652CSA Datasheet HTML 9Page - Maxim Integrated Products MAX652CSA Datasheet HTML 10Page - Maxim Integrated Products MAX652CSA Datasheet HTML 11Page - Maxim Integrated Products MAX652CSA Datasheet HTML 12Page - Maxim Integrated Products MAX652CSA Datasheet HTML 13Page - Maxim Integrated Products MAX652CSA Datasheet HTML 14Page - Maxim Integrated Products MAX652CSA Datasheet HTML 15Page - Maxim Integrated Products MAX652CSA Datasheet HTML 16Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
5V/3.3V/3V or Adjustable, High-Efficiency,
Low IQ, Step-Down DC-DC Controllers
______________________________________________________________________________________
13
Table 2. Component Suppliers
COMPANY
PHONE
FAX
Coiltronics
USA
(407) 241-7876
(407) 241-9339
Harris
USA
(800) 442-7747
(407) 724-3937
International Rectifier
USA
(310) 322-3331
(310) 322-3332
IRC
USA
(704) 264-8861
(704) 264-8866
Matsuo
USA
(714) 969-2491
(714) 960-6492
Japan
81-6-337-6450
81-6-337-6456
Motorola
USA
(800) 521-6274
(602) 244-4015
Nichicon
USA
(708) 843-7500
(708) 843-2798
Japan
81-7-5231-8461
81-7-5256-4158
Nihon
USA
(805) 867-2555
(805) 867-2556
Japan
81-3-3494-7411
81-3-3494-7414
Renco
USA
(516) 586-5566
(516) 586-5562
Sanyo
USA
(619) 661-6835
(619) 661-1055
Japan
81-7-2070-6306
81-7-2070-1174
Siliconix
USA
(408) 988-8000
(408) 970-3950
Sprague
USA
(603) 224-1961
(603) 224-1430
Sumida
USA
(708) 956-0666
(708) 956-0702
Japan
81-3-3607-5111
81-3-3607-5144
United Chemi-Con
USA
(714) 255-9500
(714) 255-9400
__Ordering Information (continued)
8 CERDIP**
-55°C to +125°C
MAX652MJA
8 SO
-40°C to +85°C
MAX652ESA
8 Plastic DIP
-40°C to +85°C
MAX652EPA
Dice*
0°C to +70°C
MAX652C/D
8 SO
0°C to +70°C
MAX652CSA
8 Plastic DIP
0°C to +70°C
MAX652CPA
8 CERDIP**
-55°C to +125°C
MAX651MJA
8 SO
-40°C to +85°C
MAX651ESA
8 Plastic DIP
-40°C to +85°C
MAX651EPA
Dice*
0°C to +70°C
MAX651C/D
8 SO
0°C to +70°C
MAX651CSA
8 Plastic DIP
0°C to +70°C
MAX651CPA
PIN-PACKAGE
TEMP. RANGE
PART
___________________Chip Topography
TRANSISTOR COUNT: 442;
SUBSTRATE CONNECTED TO V+.
* Dice are tested at TA = +25°C.
**Contact factory for availability and processing to MIL-STD-883.
0.109"
(2.769mm)
0.080"
(2.032mm)
OUT
GND
CS
EXT
V+
FB
SHDN
REF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com