Electronic Components Datasheet Search
  English  ▼

X  

UCS3654 Datasheet(PDF) 3 Page - Unisonic Technologies

Part # UCS3654
Description  HIGH PRECISION CC/CV PRIMARY-SIDE PWM POWER SWITCH
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UCS3654 Datasheet(HTML) 3 Page - Unisonic Technologies

  UCS3654 Datasheet HTML 1Page - Unisonic Technologies UCS3654 Datasheet HTML 2Page - Unisonic Technologies UCS3654 Datasheet HTML 3Page - Unisonic Technologies UCS3654 Datasheet HTML 4Page - Unisonic Technologies UCS3654 Datasheet HTML 5Page - Unisonic Technologies UCS3654 Datasheet HTML 6Page - Unisonic Technologies UCS3654 Datasheet HTML 7Page - Unisonic Technologies UCS3654 Datasheet HTML 8Page - Unisonic Technologies UCS3654 Datasheet HTML 9Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
UCS3654
Advance
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
3 of 9
www.unisonic.com.tw
QW-R129-006.a
BLOCK DIAGRAM
Logic core
Por
Power
MOSFET
Drive
DRAIN
5/6
1
VDD
OVP
28V
Regulator
& VREF
CC
controller
2V
Cable
compensation
3
INV
Tdemag
detector
2
COMP
GND
7/8
4 CS
Softstart
LEB
0.9V
CV
controller



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com