Electronic Components Datasheet Search
  English  ▼

X  

UCSR3654S Datasheet(PDF) 9 Page - Unisonic Technologies

Part # UCSR3654S
Description  HIGH PRECISION CC/CV PRIMARY-SIDE PWM POWER SWITCH
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UCSR3654S Datasheet(HTML) 9 Page - Unisonic Technologies

  UCSR3654S Datasheet HTML 1Page - Unisonic Technologies UCSR3654S Datasheet HTML 2Page - Unisonic Technologies UCSR3654S Datasheet HTML 3Page - Unisonic Technologies UCSR3654S Datasheet HTML 4Page - Unisonic Technologies UCSR3654S Datasheet HTML 5Page - Unisonic Technologies UCSR3654S Datasheet HTML 6Page - Unisonic Technologies UCSR3654S Datasheet HTML 7Page - Unisonic Technologies UCSR3654S Datasheet HTML 8Page - Unisonic Technologies UCSR3654S Datasheet HTML 9Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
UCSR3654S
Preliminary
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
9 of 9
www.unisonic.com.tw
QW-R129-009.a
TYPICAL APPLICATION CIRCUIT (5V, 3.0A)
BOM
Reference
Component
Reference
Component
BD1
BD 2A/600V
R1
R 2.4KΩ 1206 ±5%
L1
1m H 6x8mm
R4
R 200KΩ 1206 ±5%
C1
EC 22u F 400V 105°C
R5
R 18KΩ 0805 ±1%
C2
EC 22u F 400V 105°C
R6
R 3.3KΩ 0805 ±1%
C3
EC 4.7u F 50V 105°C
R7
R 0.7Ω 1206 ±5%
C4
CC 1n F 1000V 1206
R8
R 820Ω 1206 ±5%
C5
CC 0.1u F 50V 0805
T1
RM-6
C6
EC 2200u F 10V 105°C
F1
FUSE 1A 250VAC
D1,D2
Diode UTC 1N4007G
CY1
Y/C 1000p F 250V
D3
Diode UTC MGBR40V45C
UTC assumes no responsibility for equipment failures that result from using products at values that
exceed, even momentarily, rated values (such as maximum ratings, operating condition ranges, or
other parameters) listed in products specifications of any and all UTC products described or contained
herein. UTC products are not designed for use in life support appliances, devices or systems where
malfunction of these products can be reasonably expected to result in personal injury. Reproduction in
whole or in part is prohibited without the prior written consent of the copyright owner. The information
presented in this document does not form part of any quotation or contract, is believed to be accurate
and reliable and may be changed without notice.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com