Electronic Components Datasheet Search
  English  ▼

X  

MAX6512UT045 Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX6512UT045
Description  Low-Cost, Remote SOT Temperature Switches
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX6512UT045 Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX6512UT045 Datasheet HTML 1Page - Maxim Integrated Products MAX6512UT045 Datasheet HTML 2Page - Maxim Integrated Products MAX6512UT045 Datasheet HTML 3Page - Maxim Integrated Products MAX6512UT045 Datasheet HTML 4Page - Maxim Integrated Products MAX6512UT045 Datasheet HTML 5Page - Maxim Integrated Products MAX6512UT045 Datasheet HTML 6Page - Maxim Integrated Products MAX6512UT045 Datasheet HTML 7Page - Maxim Integrated Products MAX6512UT045 Datasheet HTML 8Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
Detailed Description
The MAX6511/MAX6512/MAX6513 fully integrated tem-
perature switches incorporate a precision bandgap ref-
erence, a conversion block, a current source, and a
comparator (Figure 1). These devices use an external
P-N junction as the temperature-sensing element. They
steer bias currents through the external diode, measure
the forward voltages, and compute the temperature
using a precision chopper stabilized amplifier.
Resistance values of less than 100
Ω in series with the
external sense junction will result in trip-point errors
<1°C. The MAX6511/MAX6512/MAX6513 provide noise
immunity by integration and oversampling of the diode
voltage, but good design practice includes routing the
DXP and DXN lines away from noise sources, such as
high-speed digital lines, switching regulators, induc-
tors, and transformers. The DXP and DXN traces
should be paired together and surrounded by ground
plane whenever possible.
In applications where the temperature changes rapidly,
the measured temperature will be approximately equal
to the average value of the temperature during the
measurement period.
The MAX6512 has an active-low, open-drain output struc-
ture that can only sink current. The MAX6511 has an active-
low CMOS output structure, and the MAX6513 has an
active-high CMOS output.
The MAX6511/MAX6512/MAX6513 are available with
preset temperature thresholds from +45°C to +125°C in
10°C increments.
Low-Cost, Remote SOT Temperature Switches
4
_______________________________________________________________________________________
Pin Description
PIN
MAX6511
MAX6512
MAX6513
NAME
FUNCTION
11
VDD
Power-Supply Input, +3.0V to +5.5V. Bypass VDD to GND with a 0.1µF
capacitor.
22
GND
Ground
33
HYST
Hysteresis Selection. Hysteresis is 10°C for HYST = VDD, 5
°C for HYST = GND.
4—
TOVER
CMOS Active-Low Output (MAX6511) or Open-Drain Active-Low Output
(MAX6512). TOVER goes low when the temperature exceeds the factory-
programmed temperature threshold. This pin can only sink current in the
MAX6512.
—4
TOVER
CMOS Active-High Output (MAX6513). TOVER goes high when the temperature
exceeds the factory-programmed temperature threshold.
55
DXN
This pin connects to the negative (cathode) terminal of the external P-N sense
junction. DXN must be connected to GND.
66
DXP
This pin connects to the positive (anode) terminal of the external P-N sense
junction.
DXP
DXN
TEMPERATURE
CONVERSION
BANDGAP
VOLTAGE
REFERENCE
COMPAR-
ATOR
LATCH
TOVER
Figure 1. Functional Block Diagram



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com