Electronic Components Datasheet Search
  English  ▼

X  

MAX6692MSA Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX6692MSA
Description  Precision SMBus-Compatible Remote/Local Temperature Sensors with Overtemperature Alarms
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX6692MSA Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX6692MSA Datasheet HTML 1Page - Maxim Integrated Products MAX6692MSA Datasheet HTML 2Page - Maxim Integrated Products MAX6692MSA Datasheet HTML 3Page - Maxim Integrated Products MAX6692MSA Datasheet HTML 4Page - Maxim Integrated Products MAX6692MSA Datasheet HTML 5Page - Maxim Integrated Products MAX6692MSA Datasheet HTML 6Page - Maxim Integrated Products MAX6692MSA Datasheet HTML 7Page - Maxim Integrated Products MAX6692MSA Datasheet HTML 8Page - Maxim Integrated Products MAX6692MSA Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
Precision SMBus-Compatible Remote/Local
Temperature Sensors with Overtemperature Alarms
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
All Voltages Referenced to GND
VCC ...........................................................................-0.3V to +6V
DXP.............................................................-0.3V to (VCC + 0.3V)
DXN .......................................................................-0.3V to +0.8V
SCLK, SDA, ALERT, OVERT.....................................-0.3V to +6V
SDA, ALERT, OVERT Current .............................-1mA to +50mA
DXN Current .......................................................................±1mA
Continuous Power Dissipation (TA = +70°C)
8-Pin µMAX (derate 5.9mW/°C above +70°C) .............471mW
8-Pin SO (derate 5.9mW/°C above +70°C)..................471mW
ESD Protection (all pins, Human Body Model) ................±2000V
Junction Temperature ......................................................+150°C
Operating Temperature Range .........................-55°C to +125°C
Storage Temperature Range .............................-65°C to +150°C
Lead Temperature (soldering, 10s) .................................+300°C
ELECTRICAL CHARACTERISTICS
(VCC = 3.0V to 5.5V, TA = -55°C to +125°C, unless otherwise specified. Typical values are at VCC = 3.3V and TA = +85°C.) (Note 1)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Supply Voltage
VCC
3.0
5.5
V
0.125
°C
Temperature Resolution
10
Bits
VCC = 3.3V,
TA = +85°C
TRJ = +25°C to +125°C
-0.8
+0.8
TRJ = +60°C to +100°C
-1.0
+1.0
VCC = 3.3V,
+60°C
≤ TA ≤
+100°C
TRJ = 0°C to +125°C
-1.6
+1.6
Remote Temperature Error
VCC = 3.3V, +0°C
≤ TA ≤ +100°C
TRJ = 0°C to +125°C
-3.0
+3.0
°C
TA = +60°C to +100°C
-2.0
+2.0
Local Temperature Error
VCC = 3.3V
TA = 0°C to +125°C
-3.0
+3.0
°C
Supply Sensitivity of Temperature
Error
±0.2
°C/V
Undervoltage Lockout (UVLO)
Threshold
UVLO
Falling edge of VCC disables ADC
2.4
2.7
2.95
V
UVLO Hysteresis
90
mV
Power-On-Reset (POR) Threshold
VCC falling edge
2.0
V
POR Threshold Hysteresis
90
mV
Standby Supply Current
SMBus static
3.5
12
µA
Operating Current
During conversion
0.45
0.8
mA
0.25 conversions per second
40
80
Average Operating Current
2 conversions per second
250
400
µA
Conversion Time
tCONV
From stop bit to conversion completion
95
125
156
ms
Conversion Time Error
-25
+25
%
DXP and DXN Leakage Current
Standby mode
100
nA
High level
80
100
120
Remote-Diode Source Current
IRJ
Low level
8
10
12
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com