Electronic Components Datasheet Search
  English  ▼

X  

MAX6651EEE Datasheet(PDF) 13 Page - Maxim Integrated Products

Part # MAX6651EEE
Description  Fan-Speed Regulators and Monitors with SMBus/I2C-Compatible Interface
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX6651EEE Datasheet(HTML) 13 Page - Maxim Integrated Products

Back Button MAX6651EEE Datasheet HTML 9Page - Maxim Integrated Products MAX6651EEE Datasheet HTML 10Page - Maxim Integrated Products MAX6651EEE Datasheet HTML 11Page - Maxim Integrated Products MAX6651EEE Datasheet HTML 12Page - Maxim Integrated Products MAX6651EEE Datasheet HTML 13Page - Maxim Integrated Products MAX6651EEE Datasheet HTML 14Page - Maxim Integrated Products MAX6651EEE Datasheet HTML 15Page - Maxim Integrated Products MAX6651EEE Datasheet HTML 16Page - Maxim Integrated Products MAX6651EEE Datasheet HTML 17Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 25 page
background image
tion, use DAC values between 08h and TB0h (see
Typical Operating Characteristics). When using the
closed-loop mode of operation, the contents of the
DAC Register are ignored. When writing to the DAC,
wait at least 500µs before attempting to read back.
Power-on Reset (POR)
The MAX6650/MAX6651 have volatile memory. To pre-
vent ambiguous power-supply conditions from corrupt-
ing the data in the memory and causing erratic
behavior, a POR voltage detector monitors VCC and
clears the memory if VCC falls below 1.6V. When power
is first applied and VCC rises above 1.6V, the logic
blocks begin operating (though reads and writes at
VCC levels below 3V are not recommended).
Power-up defaults include the following:
• All alarms are disabled.
• Prescale divider is set to 4.
• Fan speed is set in full-on mode.
See Table 2 for the default states of all registers.
Applications Information
MOSFET and Bipolar Transistor
Selection
The MAX6650/MAX6651 drive an external N-channel
MOSFET that requires five important parameters for
proper selection: gate-to-source conduction threshold,
maximum gate-to-source voltage, drain-to-source
breakdown voltage, current rating, and drain-to-source
on-resistance (RDS(ON)). Gate-to-source conduction
threshold must be compatible with available VCC. The
maximum gate-to-source voltage and the drain-to-
source breakdown voltage rating should both be at
least a few volts higher than the fan supply voltage
(VFAN). Choose a MOSFET with a maximum continuous
drain current rating higher than the maximum fan cur-
rent. RDS(ON) should be as low as practical to maxi-
mize the feedback voltage range. Maximum power
dissipation in the power transistor can be approximat-
ed by P = (VFAN X IFAN(MAX)) / 4. Bipolar power transis-
tors are practical for driving small and midsize fans
(Figure 6). Very-high-current fans may require output
transistor base current greater than the MAX6650’s
50mA drive capability. Bipolar Darlington transistors
will work but have poor saturation characteristics and
could lose up to 2V to 3V of drive voltage.
Resistor Selection
The tachometer input voltages (VTACH_) and feedback
voltage (VFB) cannot exceed 13.2V (see Absolute
Maximum Ratings). When using a fan powered by a
13.2V or greater supply (VFAN), protect these inputs
from overvoltage conditions with series resistors. The
resistance required to protect these pins may be calcu-
lated from the following equation:
RPROTECT = [(VFAN(MAX) - 13.2V) x RIN] / 13.2V
where VFAN(MAX) is the worst-case maximum supply
voltage used to power the fan and RIN is the input
Fan-Speed Regulators and Monitors
with SMBus/I2C-Compatible Interface
______________________________________________________________________________________
13
MAX6650
VCC
SCL
10k
Ω
SDA
GPIO0
OUT
ADD
GND
FB
TACH0
VCC
3V TO 5.5V
VFAN
5V OR 12V
CCOMP
10
µF
SMBus/I2C
INTERFACE
GPIO1
FAN
FULL ON
ALERT
Figure 6. Fan Control with a Bipolar Transistor



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com