Electronic Components Datasheet Search
  English  ▼

X  

MAX6675ISA Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX6675ISA
Description  Cold-Junction-Compensated K-Thermocoupleto-Digital Converter (0째C to 1024째C)
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX6675ISA Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX6675ISA Datasheet HTML 1Page - Maxim Integrated Products MAX6675ISA Datasheet HTML 2Page - Maxim Integrated Products MAX6675ISA Datasheet HTML 3Page - Maxim Integrated Products MAX6675ISA Datasheet HTML 4Page - Maxim Integrated Products MAX6675ISA Datasheet HTML 5Page - Maxim Integrated Products MAX6675ISA Datasheet HTML 6Page - Maxim Integrated Products MAX6675ISA Datasheet HTML 7Page - Maxim Integrated Products MAX6675ISA Datasheet HTML 8Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Cold-Junction-Compensated K-Thermocouple-
to-Digital Converter (0°C to +1024°C)
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
ELECTRICAL CHARACTERISTICS
(VCC = +3.0V to +5.5V, TA = -20°C to +85°C, unless otherwise noted. Typical values specified at +25°C.) (Note 1)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
Supply Voltage (VCC to GND) ................................ -0.3V to +6V
SO, SCK, CS, T-, T+ to GND .......................-0.3V to VCC + 0.3V
SO Current ........................................................................ 50mA
ESD Protection (Human Body Model) ........................... ±2000V
Continuous Power Dissipation (TA = +70°C)
8-Pin SO (derate 5.88mW/°C above +70°C) .............. 471mW
Operating Temperature Range ..........................-20°C to +85°C
Storage Temperature Range ............................-65°C to +150°C
Junction Temperature .................................................... +150°C
SO Package
Vapor Phase (60s) . .....................................................+215°C
Infrared (15s) ..............................................................+220°C
Lead Temperature (soldering, 10s) ............................... +300°C
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
VCC = +3.3V
-5
+5
TTHERMOCOUPLE = +700°C,
TA = +25°C (Note 2)
VCC = +5V
-6
+6
VCC = +3.3V
-8
+8
TTHERMOCOUPLE = 0°C to
+700°C, TA = +25°C (Note 2)
VCC = +5V
-9
+9
VCC = +3.3V
-17
+17
Temperature Error
TTHERMOCOUPLE = +700
°C
to +1000
°C, TA = +25°C
(Note 2)
VCC = +5V
-19
+19
LSB
Thermocouple Conversion
Constant
10.25
µV/LSB
VCC = +3.3V
-3.0
+3.0
Cold-Junction
Compensation Error
TA = -20°C to +85°C
(Note 2)
VCC = +5V
-3.0
+3.0
°C
Resolution
0.25
°C
Thermocouple Input
Impedance
60
k
Ω
Supply Voltage
VCC
3.0
5.5
V
Supply Current
ICC
0.7
1.5
mA
Power-On Reset Threshold
VCC rising
1
2
2.5
V
Power-On Reset Hysteresis
50
mV
Conversion Time
(Note 2)
0.17
0.22
s
SERIAL INTERFACE
Input Low Voltage
VIL
0.3 x
VCC
V
Input High Voltage
VIH
0.7 x
VCC
V
Input Leakage Current
ILEAK
VIN = GND or VCC
±5µA
Input Capacitance
CIN
5pF



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com