Electronic Components Datasheet Search
  English  ▼

X  

MAX668 Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX668
Description  1.8V to 28V Input, PWM Step-Up Controllers in 關MAX
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX668 Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX668 Datasheet HTML 1Page - Maxim Integrated Products MAX668 Datasheet HTML 2Page - Maxim Integrated Products MAX668 Datasheet HTML 3Page - Maxim Integrated Products MAX668 Datasheet HTML 4Page - Maxim Integrated Products MAX668 Datasheet HTML 5Page - Maxim Integrated Products MAX668 Datasheet HTML 6Page - Maxim Integrated Products MAX668 Datasheet HTML 7Page - Maxim Integrated Products MAX668 Datasheet HTML 8Page - Maxim Integrated Products MAX668 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
1.8V to 28V Input, PWM Step-Up
Controllers in µMAX
4
_______________________________________________________________________________________
ns
%
Minimum SYNC Input-Pulse Duty Cycle
45
Minimum SYNC Input Low Pulse Width
200
SYNC Input Rise/Fall Time
Not tested
200
ns
ELECTRICAL CHARACTERISTICS (continued)
(VCC = LDO = +5V, ROSC = 200kΩ, TA = -40°C to +85°C, unless otherwise noted.)
ROSC = 200kΩ ±1%
87
93
SYNC Input Frequency Range
100
500
kHz
1.8V < VCC < 3.0V (MAX669)
0.30
V
1.8V < VCC < 3.0V (MAX669)
1.5
V
SYNC/SHDN = 28V
6.5
µA
EXT On-Resistance
EXT high or low
5
Ω
SYNC/SHDN Input Current
SYNC/SHDN = 5V
3.0
Note 1: This is the VCC current consumed when active but not switching. Does not include gate-drive current.
Note 2: Limits at TA = -40°C are guaranteed by design.
222
278
UNITS
PARAMETER
CONDITIONS
MIN
MAX
ROSC = 200kΩ ±1%
%
Maximum Duty Cycle
ROSC = 500kΩ ±1%
86
94
425
575
ROSC =100kΩ ±1%
kHz
Oscillator Frequency
85
115
ROSC = 500kΩ ±1%
ROSC = 100kΩ ±1%
86
94
SYNC/SHDN Input High Voltage
3.0V < VCC < 28V
2.0
SYNC/SHDN Input Low Voltage
3.0V < VCC < 28V
0.45
V
REF Output Voltage
No load, CREF = 0.22µF
1.22
1.28
mV
REF Load Regulation
REF load = 0 to 50µA
-10
V
REF Undervoltage Lockout Threshold
Rising edge, 1% hysteresis
1.0
1.2
OSCILLATOR



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com