Electronic Components Datasheet Search
  English  ▼

X  

2CL69A Datasheet(PDF) 1 Page - GETAI ELECTRONICS DEVICE CO., LTD

Part # 2CL69A
Description  High speed switching
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GETEDZ [GETAI ELECTRONICS DEVICE CO., LTD]
Direct Link  http://www.hvgtsemi.com
Logo GETEDZ - GETAI ELECTRONICS DEVICE CO., LTD

2CL69A Datasheet(HTML) 1 Page - GETAI ELECTRONICS DEVICE CO., LTD

  2CL69A Datasheet HTML 1Page - GETAI ELECTRONICS DEVICE CO., LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
2CL69A
Mark
Maximum Reverse Recovery Time
Trr
at 25°C
Features
High speed switching
High Current
High surge resisitivity for CRT discharge
High reliability design
High Voltage
Applications
Maximum Ratings and Characteristics
Absolute Maximum Ratings
Items
Repetitive Peak Renerse Voltage
Average Output Current
Suege Current
Junction Temperature
Allowable Operation Case Temperature
Symbols
VRRM
IO
IFSM
Tj
Tc
Condition
Ta=25°C,Resistive Load
5.0
125
120
-40 to +125
Units
kV
mA
A peak
°C
°C
°C
Electrical Characteristics (Ta=25°C Unless otherwise specified )
Items
Maximum Forward Voltage Drop
Maximum Reverse Current
Symbols
VF
IR1
IR2
Conditions
at 25°C,IF
at 25°C,VR
at 100°C,V
Units
V
uA
uA
Junction Capacitance
Cj
at 25°C,VR
Storage Temperature
Tstg
is high reliability resin molded type high voltage
diode in small size package which is sealed a multilayed
mesa type silicon chip by epoxy resin.
Outline Drawings : mm
2CL69A
Cathode Mark
31 min.
31 min.
6.5
o 2.5
o 0.5
Cathode Mark
Lot No.
GETE ELECTRONICS CO.,LTD
Http://www.getedz.com
E-mail:sales@getedz.com
2015
=0V,f=1MHz
1.0
2CL69A
Type
2CL69A
2CL69A
18
5.0
2.0
0.5
4.0
X light Power supply
Laser
Voltage doubler circuit
Microwave emission power
pF
HVGT
=VRRM
R
=VRRM
100
nS
=IF(AV)
5mA 4kV HIGH VOLTAGE DIODES
DO-206


Similar Part No. - 2CL69A

ManufacturerPart #DatasheetDescription
logo
Shenzhen Luguang Electr...
2CL69A LUGUANG-2CL69A Datasheet
202Kb / 2P
楹삣닓遙섇럨雅뚧엨嶸↓뇞?③쳵??씈?㎫쉪?곈씊瀯볠엫?딀돥?e램?븝펽??갊?묋꼥?잏㈉?뚧낏?먨칳??쉪弱곮즳鸚뽩숱?
logo
SUNMATE electronic Co.,...
2CL69A SUNMATE-2CL69A Datasheet
206Kb / 1P
HIGH VOLTAGE RECTIFIER DIODES
logo
GETAI ELECTRONICS DEVIC...
2CL69A GETEDZ-2CL69A Datasheet
624Kb / 2P
High Voltage Silicon Rectifier Diode
logo
Shanghai Shunye Electro...
2CL69A SHUNYE-2CL69A Datasheet
113Kb / 1P
5mA 4kV HIGH VOLTAGE DIODES
V2.22
logo
GETAI ELECTRONICS DEVIC...
2CL69A GETEDZ-2CL69A_17 Datasheet
624Kb / 2P
High Voltage Silicon Rectifier Diode
More results

Similar Description - 2CL69A

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
SGF40N60 FAIRCHILD-SGF40N60 Datasheet
357Kb / 8P
High Speed Switching
logo
KEC(Korea Electronics)
KDR552F KEC-KDR552F Datasheet
28Kb / 2P
HIGH SPEED SWITCHING
KGT15N120NDS KEC-KGT15N120NDS Datasheet
1Mb / 7P
High speed switching
logo
Toshiba Semiconductor
CES520 TOSHIBA-CES520 Datasheet
124Kb / 5P
High-Speed Switching
CUS08F30 TOSHIBA-CUS08F30 Datasheet
127Kb / 5P
High-Speed Switching
logo
Fairchild Semiconductor
FGAF40N60UFTU FAIRCHILD-FGAF40N60UFTU Datasheet
288Kb / 7P
High Speed Switching
FGL40N120ANTU FAIRCHILD-FGL40N120ANTU Datasheet
543Kb / 7P
High speed switching
logo
Advanced Power Electron...
AP30G100W A-POWER-AP30G100W_14 Datasheet
220Kb / 4P
High speed switching
AP30G120BSW-HF A-POWER-AP30G120BSW-HF_14 Datasheet
104Kb / 4P
High Speed Switching
AP30G120SW A-POWER-AP30G120SW_14 Datasheet
93Kb / 3P
High Speed Switching
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com