Electronic Components Datasheet Search
  English  ▼

X  

150FD Datasheet(PDF) 3 Page - Nell Semiconductor Co., Ltd

Part # 150FD
Description  Popular series for rough service
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NELLSEMI [Nell Semiconductor Co., Ltd]
Direct Link  http://www.nellsemi.com
Logo NELLSEMI - Nell Semiconductor Co., Ltd

150FD Datasheet(HTML) 3 Page - Nell Semiconductor Co., Ltd

  150FD Datasheet HTML 1Page - Nell Semiconductor Co., Ltd 150FD Datasheet HTML 2Page - Nell Semiconductor Co., Ltd 150FD Datasheet HTML 3Page - Nell Semiconductor Co., Ltd 150FD Datasheet HTML 4Page - Nell Semiconductor Co., Ltd 150FD Datasheet HTML 5Page - Nell Semiconductor Co., Ltd 150FD Datasheet HTML 6Page - Nell Semiconductor Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
RthJC CONDUCTION
CONDUCTION ANGEL
SINUSOIDAL CONDUCTION
RECTANGULAR CONDUCTION
UNITS
TEST CONDUCTIONS
K/W
180°
120°
90°
60°
30°
0.031
0.038
0.048
0.071
0.120
0.023
0.040
0.053
0.075
0.121
T = T maximum
J
J
• The table above shows the increment of thermal resistance R
when devices
thJC
operate at different conduction angles than DC
Note
SEMICONDUCTOR
Nell High Power Products
RoHS
RoHS
150FD(R)Series
Average forward current (A)
Average forward current (A)
Fig.1 Current ratings characteristics
Fig.2 Current ratings characteristics
Fig.3 Forward power loss characteristics
300
250
200
150
100
50
0
0
50
150
200
100
100
120
140
160
180
Average Forward Current (A)
Maximum Allowable Ambient Temperature (°C)
180
160
140
120
100
80
0
50
100
150
200
R
(DC) = 0.3 K/W
thJC
Conduction Angle
30°
60°
90°
180
160
140
120
100
80
0
40
80
120 160 200 240
280
R
(DC) = 0.3 K/W
thJC
Conduction Period
60°
R
=
0.5
K/W
- D
elta
R
th
SA
0.2
K/W
0.4
K/W
0.6 K
/W
1.2 K/W
90°
60°
30°
120°
180°
T = 175°C
J
Conduction Angle
RMS Limit
0
50
150
200
100
100
120
140
160
180
120°
180°
90°
120°
180°
DC
30°
Page 3 of 6
www.nellsemi.com



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com