Electronic Components Datasheet Search
  English  ▼

X  

MAX6690 Datasheet(PDF) 13 Page - Maxim Integrated Products

Part # MAX6690
Description  2째C Accurate Remote/Local Temperature Sensor with SMBus Serial Interface
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX6690 Datasheet(HTML) 13 Page - Maxim Integrated Products

Back Button MAX6690 Datasheet HTML 8Page - Maxim Integrated Products MAX6690 Datasheet HTML 9Page - Maxim Integrated Products MAX6690 Datasheet HTML 10Page - Maxim Integrated Products MAX6690 Datasheet HTML 11Page - Maxim Integrated Products MAX6690 Datasheet HTML 12Page - Maxim Integrated Products MAX6690 Datasheet HTML 13Page - Maxim Integrated Products MAX6690 Datasheet HTML 14Page - Maxim Integrated Products MAX6690 Datasheet HTML 15Page - Maxim Integrated Products MAX6690 Datasheet HTML 16Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
2°C Accurate Remote/Local Temperature
Sensor with SMBus Serial Interface
______________________________________________________________________________________
13
Status Byte Functions
The status byte register (Table 7) indicates which (if
any) temperature thresholds have been exceeded. This
byte also indicates whether the ADC is converting and
whether there is an open circuit in the remote-diode
DXP–DXN path. After POR, the normal state of all the
flag bits is zero, assuming none of the alarm conditions
are present. The status byte is cleared by any success-
ful read of the status byte, unless the fault persists.
Note that the ALERT interrupt latch is not automatically
cleared when the status flag bit indicating the ALERT is
cleared. The fault condition must be eliminated before
the ALERT can be cleared.
When reading the status byte, check for internal bus
collisions caused by asynchronous ADC timing, or else
disable the ADC prior to reading the status byte
(through the RUN/STOP bit in the configuration byte). In
one-shot mode, read the status byte only after the con-
version is complete, which is 150ms max after the one-
shot conversion is commanded.
BIT
NAME
POR STATE
FUNCTION
7 (MSB)
MASK1
0
Masks ALERT interrupts if high.
6
RUN/STOP
0
Standby mode control bit; if high, standby mode is initiated.
5
ETA
0
If high, lower temperature range is extended from 0
°C to -64°C.
4
PRCM
0
If high, parasitic resistance cancellation mode is enabled.
3
SPNP
0
—
2 to 0
RFU
0
Reserved.
Table 6. Configuration-Byte Bit Assignments
REGISTER
ADDRESS
POR STATE
FUNCTION
RLTS
00h
0000 0000
Read Internal Temperature
RRTE
01h
0000 0000
Read External Temperature
RSL
02h
0000 0000
Read Status Byte
RCL
03h
0000 0000
Read Configuration Byte
RCRA
04h
0000 0010
Read Conversion Rate Byte
RLHN
05h
0111 1111
Read Internal High Limit
RLLI
06h
1100 1001
Read Internal Low Limit
RRHI
07h
0111 1111
Read External High Limit
RRLS
08h
1100 1001
Read External Low Limit
WCA
09h
N/A
Write Configuration Byte
WCRW
0Ah
N/A
Write Conversion Rate Byte
WLHO
0Bh
N/A
Write Internal High Limit
WLLM
0Ch
N/A
Write Internal Low Limit
WRHA
0Dh
N/A
Write External High Limit
WRLN
0Eh
N/A
Write External Low Limit
OSHT
0Fh
N/A
One-Shot
RRET
10h
0000 0000
Read External Extended Temperature
RLET
11h
0000 0000
Read Internal Extended Temperature
N/A
FEh
4D
Read Device ID
N/A
FFh
08
Read Device Revision
Table 5. Command-Byte Bit Assignments



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com