Electronic Components Datasheet Search
  English  ▼

X  

2SC3710 Datasheet(PDF) 1 Page - Quanzhou Jinmei Electronic Co.,Ltd.

Part # 2SC3710
Description  2SC3710_15
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JMNIC [Quanzhou Jinmei Electronic Co.,Ltd.]
Direct Link  http://www.jmnic.com
Logo JMNIC - Quanzhou Jinmei Electronic Co.,Ltd.

2SC3710 Datasheet(HTML) 1 Page - Quanzhou Jinmei Electronic Co.,Ltd.

  2SC3710 Datasheet HTML 1Page - Quanzhou Jinmei Electronic Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Power Transistors
www.jmnic.com
2SC3710
Silicon NPN Transistors
Features
B C E
﹒With TO-220Fa package
﹒Complement to type 2SA1452
﹒Hihg current switching applications
Absolute Maximum Ratings Tc=25
SYMBOL
PARAMETER
RATING
UNIT
VCBO
Collector to base voltage
80
V
VCEO
Collector to emitter voltage
80
V
VEBO
Emitter to base voltage
6
V
IB
Base current
2
A
IC
Collector current
12
A
PC
Collector power dissipation
30
W
Tj
Junction temperature
150
Tstg
Storage temperature
-55~150
TO-220Fa
Electrical Characteristics Tc=25
SYMBOL
PARAMETER
CONDITIONS
MIN
Typ.
MAX
UNIT
ICBO
Collector cut-off current
VCB=80V; IE=0
10
uA
IEBO
Emitter cut-off current
VEB=6V; IC=0
10
uA
VCBO
Collector-base breakdown voltage
VCEO
Collector-emitter breakdown voltage
IC=50mA; IB=0
80
V
VEBO
Emitter-base breakdown voltage
VCE(sat-1)
Collector-emitter saturation voltages
IC=6A; IB=0.3A
0.4
V
VCE(sat-2)
Collector-emitter saturation voltages
hFE-1
Forward current transfer ratio
IC=1A; VCE=1V
70
240
hFE-2
Forward current transfer ratio
IC=6A; VCE=1V
40
VBE(sat-1)
Base-emitter saturation voltages
IC=6A; IB=0.3A
1.2
V
VBE(sat-2)
Base-emitter saturation voltages
fT
Transition frepuency
IC=1A; VCE=5V
80
MHz
Cob
Collector Out put Capacitance
VCB=10V;f=1MHz
220
pF
hFE-1 Classifications
O
Y
70-140
120-240
JMnic


Similar Part No. - 2SC3710

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SC3710 TOSHIBA-2SC3710 Datasheet
213Kb / 4P
NPN EPITAXIAL TYPE (HIGH CURRENT SWITCHING APPLICATIONS)
logo
Savantic, Inc.
2SC3710 SAVANTIC-2SC3710 Datasheet
164Kb / 4P
Silicon NPN Power Transistors
logo
Quanzhou Jinmei Electro...
2SC3710 JMNIC-2SC3710 Datasheet
35Kb / 1P
Silicon NPN Transistors
logo
Savantic, Inc.
2SC3710 SAVANTIC-2SC3710 Datasheet
165Kb / 4P
Silicon NPN Power Transistors
logo
Toshiba Semiconductor
2SC3710A TOSHIBA-2SC3710A Datasheet
226Kb / 5P
HIGH CURRENT SWITCHING APPLICATIONS
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com