Electronic Components Datasheet Search
  English  ▼

X  

PUSB220G-AG6-R Datasheet(PDF) 3 Page - Unisonic Technologies

Part # PUSB220G-AG6-R
Description  DUAL USB 2.0 INTEGRATED ESD PROTECTION
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

PUSB220G-AG6-R Datasheet(HTML) 3 Page - Unisonic Technologies

  PUSB220G-AG6-R Datasheet HTML 1Page - Unisonic Technologies PUSB220G-AG6-R Datasheet HTML 2Page - Unisonic Technologies PUSB220G-AG6-R Datasheet HTML 3Page - Unisonic Technologies PUSB220G-AG6-R Datasheet HTML 4Page - Unisonic Technologies PUSB220G-AG6-R Datasheet HTML 5Page - Unisonic Technologies PUSB220G-AG6-R Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
PUSB220
TVS
UNISONICTECHNOLOGIESCO.,LTD
3 of 6
www.unisonic.com.tw
QW-R215-007.B
ABSOLUTE MAXIMUM RATINGS
PARAMETER
SYMBOL
RATINGS
UNIT
DC Input Voltage Range
VIN
0~+5.5
V
ESD Voltage (HBM Contact)
VESD
-8~+8
kV
Storage Temperature
TSTG
-55~+125
°C
Operating Temperature Range
TOPR
-40~+85
°C
Note: 1. Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
2. IEC 61000-4-2 level 4.
ELECTRICAL CHARACTERISTICS (T
C=25
°C unless otherwise specified.)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX UNIT
Pin Capacitance to Ground, Pins 1, 3, 4, 6
CI/O
VIN=0V, f =1MHz, VCC=3.0V
1.0
pF
Diode Reverse Leakage Current, Pins 1, 3,
4, 6 to Ground
IlKG
VI=3.0V
100
nA
Zener Diode Capacitance to
Ground, Pin 5 to 2
CZENER
VIN=0V, f =1MHz, VCC=3.0 V
40
pF
Zener Diode Breakdown Voltage,
Pin 5 to 2
VBR I/O
I=1mA
6
9
V
Forward Voltage
VF
0.7
V



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com