Electronic Components Datasheet Search
  English  ▼

X  

UIC809 Datasheet(PDF) 2 Page - Unisonic Technologies

Part # UIC809
Description  MICROPROCESSOR RESET CIRCUITS
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UIC809 Datasheet(HTML) 2 Page - Unisonic Technologies

  UIC809 Datasheet HTML 1Page - Unisonic Technologies UIC809 Datasheet HTML 2Page - Unisonic Technologies UIC809 Datasheet HTML 3Page - Unisonic Technologies UIC809 Datasheet HTML 4Page - Unisonic Technologies UIC809 Datasheet HTML 5Page - Unisonic Technologies UIC809 Datasheet HTML 6Page - Unisonic Technologies UIC809 Datasheet HTML 7Page - Unisonic Technologies UIC809 Datasheet HTML 8Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
UIC809
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
2 of 8
www.unisonic.com.tw
QW-R119-024.A
MARKING INFORMATION
PACKAGE
VOLTAGE CODE
MARKING
SOT-23-3
B : 2.93V
PIN CONFIGURATION
PIN DESCRIPTION
No.
PIN NAME
DESCRIPTION
1
RESET
This pin will fall low after the VCC’s falling below the reset threshold voltage and it also can
remain asserted for at least 140ms min after VCC’s rising upon the reset threshold.
2
GND
Ground
3
VCC
Input of power supply.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com