Electronic Components Datasheet Search
  English  ▼

X  

MAX679 Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX679
Description  Regulated 3.3V Charge Pump
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX679 Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX679 Datasheet HTML 1Page - Maxim Integrated Products MAX679 Datasheet HTML 2Page - Maxim Integrated Products MAX679 Datasheet HTML 3Page - Maxim Integrated Products MAX679 Datasheet HTML 4Page - Maxim Integrated Products MAX679 Datasheet HTML 5Page - Maxim Integrated Products MAX679 Datasheet HTML 6Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Regulated 3.3V Charge Pump
_______________________________________________________________________________________
3
0
EFFICIENCY
vs. OUTPUT CURRENT
20
10
OUTPUT CURRENT (mA)
10
50
70
60
40
30
0.01
1
100
90
80
100
0.1
FSET = IN (1MHz)
VIN = 3.0V
VIN = 3.5V
VIN = 2.4V
VIN = 2.0V
VIN = 1.8V
0
0.01
EFFICIENCY
vs. OUTPUT CURRENT
20
10
30
OUTPUT CURRENT (mA)
10
60
50
80
70
40
0.1
100
90
100
1
VIN = 3.5V
VIN = 3.0V
VIN = 2.4V
VIN = 2.0V
VIN = 1.8V
FSET = GND (330kHz)
2.8
0
OUTPUT VOLTAGE
vs. OUTPUT CURRENT
3.0
2.9
OUTPUT CURRENT (mA)
3.3
3.4
3.1
3.2
20
30
10
60
70
80
3.5
3.6
40
50
FSET = GND (330kHz)
DASHED LINES INDICATE
OUTPUT OUT OF REGULATION
VIN = 3.5V
VIN = 3.0V
VIN = 2.4V
VIN = 2.0V
VIN = 1.8V
2.9
0
OUTPUT VOLTAGE
vs. OUTPUT CURRENT
3.0
OUTPUT CURRENT (mA)
80 90
3.2
3.1
20 30
10
60 70
100
3.3
3.4
40 50
FSET = IN (1MHz)
DASHED LINES INDICATE
OUTPUT OUT OF REGULATION
VIN = 3.5V
VIN = 3.0V
VIN = 2.4V
VIN = 2.0V
VIN = 1.8V
0.1
1.8
SUPPLY CURRENT
vs. SUPPLY VOLTAGE
SUPPLY VOLTAGE (V)
3.2 3.4
10
1
2.2
2.0
3.0
3.6
100
2.6
2.8
2.4
SHDN = IN
SHDN = GND
0
-40
SHUTDOWN SUPPLY CURRENT
vs. TEMPERATURE
100
TEMPERATURE (°C)
60
300
400
200
-15
35
85
500
600
10
VIN = 2.4V
__________________________________________Typical Operating Characteristics
(Typical Operating Circuit with: VIN = V SHDN = 2V, CIN = 4.7µF, C1 = 0.33µF, COUT = 10µF, tested in-circuit, TA = +25°C, unless
otherwise noted.)
300
-40
PUMP FREQUENCY
vs. TEMPERATURE
310
TEMPERATURE (°C)
60
330
340
320
-15
35
85
350
360
10
FSET = GND (330kHz)
VIN = 2.5V
900
-40
PUMP FREQUENCY
vs. TEMPERATURE
940
920
960
TEMPERATURE (°C)
60
1020
1000
1060
1040
980
-15
35
85
1080
1100
10
FSET = IN (1MHz)
VIN = 2.5V
OUTPUT RIPPLE (2mA LOAD)
VOUT
50mV/div
AC COUPLED
100
µs/div
FSET = GND (330kHz)



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com