Electronic Components Datasheet Search
  English  ▼

X  

US301 Datasheet(PDF) 1 Page - Unisonic Technologies

Part # US301
Description  0.2A SINGLE CHANNEL CURRENT-LIMITED LOAD SWITCH
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

US301 Datasheet(HTML) 1 Page - Unisonic Technologies

  US301 Datasheet HTML 1Page - Unisonic Technologies US301 Datasheet HTML 2Page - Unisonic Technologies US301 Datasheet HTML 3Page - Unisonic Technologies US301 Datasheet HTML 4Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
UNISONIC TECHNOLOGIES CO., LTD
US301
Preliminary
CMOS IC
www.unisonic.com.tw
1 of 4
Copyright © 2015 Unisonic Technologies Co., Ltd
QW-R103-099.a
0.2A SINGLE CHANNEL
CURRENT-LIMITED LOAD
SWITCH
DESCRIPTION
The UTC US301 is single channel current-limited integrated
high-side power switches, optimized for hot-swap applications.
The US301 provides a complete protection solution for
application subject to heavy capacitive loads and the prospect of
short circuit. The devices have fast short-circuit response time for
improving overall system robustness, and offer reverse-current
blocking, over-current and over-temperature protection, as well as
under-voltage lockout functionality. It also has controlled built-in
soft-start time, typically 0.7 ms.
FEATURES
* Input voltage range: 2.7V~5.2V
* Short-circuit protection and fast response time
* Accurate current limiting: 0.4A
* On-resistance:250 mΩ
* Reverse-current blocking
* Soft-start with 0.7ms typical turn-on time
* Over-current and over-voltage protection
* Thermal protection
* Ambient temperature range: -40°C~+85°C
ORDERING INFORMATION
Ordering Number
Package
Packing
US301G-AE2-R
SOT-23-3
Tape Reel
MARKING
301G


Similar Part No. - US301

ManufacturerPart #DatasheetDescription
logo
UNISEM
US3010 UNISEM-US3010 Datasheet
74Kb / 11P
5 BIT PROGRAMMABLE SYNCHRONOUS BUCK CONTROLLER IC
US3010ACW UNISEM-US3010ACW Datasheet
74Kb / 11P
5 BIT PROGRAMMABLE SYNCHRONOUS BUCK CONTROLLER IC
US3010CW UNISEM-US3010CW Datasheet
74Kb / 11P
5 BIT PROGRAMMABLE SYNCHRONOUS BUCK CONTROLLER IC
US3011 UNISEM-US3011 Datasheet
72Kb / 11P
5 BIT PROGRAMMABLE SYNCHRONOUS BUCK CONTROLLER IC
US3011CW UNISEM-US3011CW Datasheet
72Kb / 11P
5 BIT PROGRAMMABLE SYNCHRONOUS BUCK CONTROLLER IC
More results

Similar Description - US301

ManufacturerPart #DatasheetDescription
logo
Advanced Analogic Techn...
AAT4644 ANALOGICTECH-AAT4644 Datasheet
277Kb / 8P
4-Channel Current Limited Load Switch
logo
Advanced Analog Technol...
AAT4644 AAT-AAT4644 Datasheet
253Kb / 8P
4-Channel Current Limited Load Switch
4644.2006.05.1.2
logo
Advanced Analogic Techn...
AAT4644 ANALOGICTECH-AAT4644_06 Datasheet
253Kb / 8P
4-Channel Current Limited Load Switch
logo
Eutech Microelectronics...
EUP3510 EUTECH-EUP3510 Datasheet
206Kb / 9P
Current Limited Load Switch
logo
Diodes Incorporated
AP2337 DIODES-AP2337 Datasheet
288Kb / 10P
1.0A SINGLE CHANNEL CURRENT-LIMITED LOAD SWITCH
Rev erse
AP2331 DIODES-AP2331 Datasheet
242Kb / 11P
0.2A SINGLE CHANNEL CURRENT-LIMITED LOAD SWITCH
Rev erse-
logo
Global Mixed-mode Techn...
G527 GMT-G527 Datasheet
110Kb / 1P
Current Limited Load Switch
G5255 GMT-G5255 Datasheet
75Kb / 1P
Current Limited Load Switch
logo
Diodes Incorporated
AP21410 DIODES-AP21410 Datasheet
916Kb / 14P
0.2A SINGLE CHANNEL CURRENT-LIMITED POWER SWITCH
June 2015
AP2331TD DIODES-AP2331TD Datasheet
746Kb / 11P
0.2A SINGLE CHANNEL CURRENT-LIMITED LOAD SWITCH WITH OUTPUT TRANSIENT DISCHARGE
October 2017
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com