Electronic Components Datasheet Search
  English  ▼

X  

US1652 Datasheet(PDF) 2 Page - Unisonic Technologies

Part # US1652
Description  PRIMARY-SIDE REGULATION PWM POWER SWITCH
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

US1652 Datasheet(HTML) 2 Page - Unisonic Technologies

  US1652 Datasheet HTML 1Page - Unisonic Technologies US1652 Datasheet HTML 2Page - Unisonic Technologies US1652 Datasheet HTML 3Page - Unisonic Technologies US1652 Datasheet HTML 4Page - Unisonic Technologies US1652 Datasheet HTML 5Page - Unisonic Technologies US1652 Datasheet HTML 6Page - Unisonic Technologies US1652 Datasheet HTML 7Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
US1652
Preliminary
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
2 of 7
www.unisonic.com.tw
QW-R129-002.b
MARKING
PIN CONFIGURATION
1
2
3
4
8
7
6
5
VDDG
VDD
INV
CS
GND
GND
Drain
Drain
PIN DESCRIPTION
PIN NO.
PIN NAME
DESCRIPTION
1
VDDG
Internal gate driver power supply
2
VDD
IC DC power supply input
3
INV
Inverting input of error amplifier (EA). Connected to resistor divider from primary sensing
winding reflecting output voltage. PWM duty cycle is determined by EA output and
current sense signal at pin 4.
4
CS
Current sense input
5, 6
Drain
HV MOSFET Drain Pin. The Drain pin is connected to the primary lead of the transformer
7, 8
GND
Ground
BLOCK DIAGRAM
Regulator &
Vref
Por
OVP
30V
PWM
CC/CV
controller
LEB
Logic
core
0.82V
VDD
INV
GND
CS
Drain
Drive
Softstart
Power
MOSFET
VDDG
3
2
1
5/6
4
7/8
1.25V



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com