Electronic Components Datasheet Search
  English  ▼

X  

MAX680 Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX680
Description  5V to 짹10V Voltage Converters
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX680 Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX680 Datasheet HTML 1Page - Maxim Integrated Products MAX680 Datasheet HTML 2Page - Maxim Integrated Products MAX680 Datasheet HTML 3Page - Maxim Integrated Products MAX680 Datasheet HTML 4Page - Maxim Integrated Products MAX680 Datasheet HTML 5Page - Maxim Integrated Products MAX680 Datasheet HTML 6Page - Maxim Integrated Products MAX680 Datasheet HTML 7Page - Maxim Integrated Products MAX680 Datasheet HTML 8Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
+5V to ±10V Voltage Converters
_______________________________________________________________________________________
3
0
2.0
OUTPUT RESISTANCE
vs. SUPPLY VOLTAGE
V
(V)
50
100
150
200
250
3.0
4.0
5.0
6.0
ROUT-
ROUT+
C1-C4 = 10
µF
4
0
OUTPUT VOLTAGE
vs. LOAD CURRENT
LOAD CURRENT ( A)
5
6
7
8
9
10
5
10
15
20
V+ vs. IL+
IL- = 0
V- vs. IL+
IL- = 0
V+ vs. IL-
IL+ = 0
V- vs. IL-
IL+ = 0
0
2.0
SUPPLY CURRENT
vs. SUPPLY VOLTAGE
V
(V)
0.5
1.0
1.5
2.0
3.0
4.0
5.0
6.0
RL = ∞
4
0
1
23
4
6
78
9
OUTPUT VOLTAGE vs. OUTPUT CURRENT
(FROM V+ TO V-)
OUTPUT CURRENT (mA)
5
6
7
8
9
10
510
C1–C4 = 10
µF
V-
V+
MAX680, MAX681
0
-50
OUTPUT SOURCE RESISTANCE
vs. TEMPERATURE
TEMPERATURE (°C)
50
100
150
200
-25
0
25
50
75
100
125
ROUT+
ROUT-
VCC = 5V
0
OUTPUT RIPPLE vs.
OUTPUT CURRENT (IL+ OR IL-)
OUTPUT CURRENT (mA)
50
100
150
200
5
10
15
20
V+ AND V-
V-
V-
MAX681
VCC = 5V
V+
MAX680
C3, C4 = 100
µF
MAX680
C3, C4 = 10
µF
0
V+
__________________________________________Typical Operating Characteristics
(TA = +25°C, unless otherwise noted.)



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com