Electronic Components Datasheet Search
  English  ▼

X  

MAX6803 Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX6803
Description  4-Pin, Low-Power 關P Reset Circuits with Manual Reset
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX6803 Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX6803 Datasheet HTML 1Page - Maxim Integrated Products MAX6803 Datasheet HTML 2Page - Maxim Integrated Products MAX6803 Datasheet HTML 3Page - Maxim Integrated Products MAX6803 Datasheet HTML 4Page - Maxim Integrated Products MAX6803 Datasheet HTML 5Page - Maxim Integrated Products MAX6803 Datasheet HTML 6Page - Maxim Integrated Products MAX6803 Datasheet HTML 7Page - Maxim Integrated Products MAX6803 Datasheet HTML 8Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
General Description
The MAX6803/MAX6804/MAX6805 microprocessor (µP)
supervisory circuits monitor the power supplies in 2.85V
to 5.0V µP and digital systems. They increase circuit
reliability and reduce cost by eliminating external com-
ponents and adjustments. They also feature a
debounced manual reset input.
These devices perform a single function: they assert a
reset signal whenever the VCC supply voltage declines
below a preset threshold or whenever manual reset is
asserted. Reset remains asserted for a preset timeout
period after VCC has risen above the reset threshold or
after manual reset is deasserted. The only difference
among the three devices is their output. The MAX6804
(push/pull) and MAX6805 (open-drain) have an active-
low RESET output, while the MAX6803 (push/pull) has
an active-high RESET output. The MAX6803/MAX6804
are guaranteed to be in the correct state for VCC down
to 0.7V. The MAX6805 is guaranteed to be in the cor-
rect state for VCC down to 1.0V.
The reset comparator in these ICs is designed to ignore
fast transients on VCC. Reset thresholds are factory-
trimmable between 2.63V and 4.80V, in approximately
100mV increments. These devices are available with a
1ms min, 20ms min, or 100ms min reset timeout period.
Ideal for space-critical applications, the MAX6803/
MAX6804/MAX6805 come packaged in a 4-pin
SOT143. For a lower threshold voltage version, see the
MAX6335/MAX6336/MAX6337.
Applications
Computers
Controllers
Intelligent Instruments
Critical µP/µC Power Monitoring
Portable/Battery-Powered Equipment
Automotive
Features
o Ultra-Low 0.7V Operating Supply Voltage
o Low 4.0µA Supply Current
o Precision Monitoring of 2.85V to 5.0V Power-
Supply Voltages
o Reset Thresholds Available from 2.63V to 4.80V,
in Approximately 100mV Increments
o Debounced Manual Reset Input
o Fully Specified over Temperature
o Three Power-On Reset Timeout Periods Available
(1ms min, 20ms min, 100ms min)
o Low Cost
o Three Available Output Structures: Push/Pull
RESET, Push/Pull RESET, Open-Drain RESET
o Guaranteed RESET/RESET Valid to VCC = 0.7V
(MAX6803/MAX6804)
o Power-Supply Transient Immunity
o No External Components Required
o 4-Pin SOT143 Package
o Pin Compatible with MAX811/MAX812 and
MAX6314/MAX6315
4-Pin, Low-Power
µP Reset Circuits with Manual Reset
________________________________________________________________ Maxim Integrated Products
1
19-1946; Rev 1; 2/01
PART*
MAX6803US_ _D_-T
MAX6804US_ _D_-T
MAX6805US_ _D_-T
-40°C to +125°C
-40°C to +125°C
-40°C to +125°C
TEMP. RANGE
PIN-PACKAGE
4 SOT143
4 SOT143
4 SOT143
Ordering Information
*These devices are available in factory-set VCC reset thresh-
olds from 2.63V to 4.80V, in approximately 0.1V increments.
Choose the desired reset threshold suffix from Table 1 and
insert it in the blanks following “US” in the part number.
Factory-programmed reset timeout periods are also available.
Insert the number corresponding to the desired nominal reset
timeout period (1 = 1ms min, 2 = 20ms min, 3 = 100ms min) in
the blank following “D” in the part number. There are 15 stan-
dard versions with a required order increment of 2500 pieces.
Sample stock is generally held on the standard versions only
(see Selector Guide). Contact the factory for availability of non-
standard versions (required order increment is 10,000 pieces).
All devices available in tape-and-reel only.
Typical Operating Circuit and Pin Configuration appear
at end of data sheet.
Selector Guide appears at end of data sheet.
For pricing, delivery, and ordering information, please contact Maxim/Dallas Direct! at
1-888-629-4642, or visit Maxim’s website at www.maxim-ic.com.


Similar Part No. - MAX6803

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6803 MAXIM-MAX6803 Datasheet
554Kb / 8P
4-Pin, Low-Power 關P Reset Circuits with Manual Reset
Rev 2; 12/05
MAX6803US26D3-T MAXIM-MAX6803US26D3-T Datasheet
554Kb / 8P
4-Pin, Low-Power 關P Reset Circuits with Manual Reset
Rev 2; 12/05
MAX6803US29D3-T MAXIM-MAX6803US29D3-T Datasheet
554Kb / 8P
4-Pin, Low-Power 關P Reset Circuits with Manual Reset
Rev 2; 12/05
MAX6803US31D3-T MAXIM-MAX6803US31D3-T Datasheet
554Kb / 8P
4-Pin, Low-Power 關P Reset Circuits with Manual Reset
Rev 2; 12/05
MAX6803US44D3-T MAXIM-MAX6803US44D3-T Datasheet
554Kb / 8P
4-Pin, Low-Power 關P Reset Circuits with Manual Reset
Rev 2; 12/05
More results

Similar Description - MAX6803

ManufacturerPart #DatasheetDescription
logo
IMP, Inc
IMP811 IMP-IMP811 Datasheet
140Kb / 8P
4-pin 關P Voltage Supervisor with Manual Reset
logo
Maxim Integrated Produc...
MAX6335 MAXIM-MAX6335 Datasheet
107Kb / 8P
4-Pin, Ultra-Low-Voltage, Low-Power 關P Reset Circuits with Manual Reset
Rev 0; 12/98
MAX6443 MAXIM-MAX6443 Datasheet
261Kb / 13P
關P Reset Circuits with Long Manual Reset Setup Period
Rev 1; 1/03
MAX811 MAXIM-MAX811 Datasheet
185Kb / 8P
4-Pin 關P Voltage Monitors with Manual Reset Input
Rev 4; 12/05
MAX6803 MAXIM-MAX6803_05 Datasheet
554Kb / 8P
4-Pin, Low-Power uP Reset Circuits with Manual Reset
19-1946; Rev 2; 12/05
MAX6335 MAXIM-MAX6335_05 Datasheet
181Kb / 7P
4-Pin, Ultra-Low-Voltage, Low-Power uP Reset Circuits with Manual Reset
Rev 2; 12/05
MAX6804US31D1 MAXIM-MAX6804US31D1 Datasheet
554Kb / 8P
4-Pin, Low-Power 關P Reset Circuits with Manual Reset
Rev 2; 12/05
MAX6337US23D3-T MAXIM-MAX6337US23D3-T Datasheet
199Kb / 8P
4-Pin, Ultra-Low-Voltage, Low-Power muP Reset Circuits with Manual Reset
Rev 2; 12/05
logo
Tiger Electronic Co.,Lt...
MAX811 TGS-MAX811 Datasheet
1Mb / 8P
4-Pin 關P Voltage Monitors with Manual Reset Input
logo
Maxim Integrated Produc...
MAX6803 MAXIM-MAX6803_V01 Datasheet
870Kb / 8P
4-Pin, Low-Power 關P Reset Circuits with Manual Reset
2014
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com