Electronic Components Datasheet Search
  English  ▼

X  

MAX6721 Datasheet(PDF) 7 Page - Maxim Integrated Products

Part # MAX6721
Description  Dual/Triple Ultra-Low-Voltage SOT23 關P Supervisory Circuits
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX6721 Datasheet(HTML) 7 Page - Maxim Integrated Products

Back Button MAX6721 Datasheet HTML 3Page - Maxim Integrated Products MAX6721 Datasheet HTML 4Page - Maxim Integrated Products MAX6721 Datasheet HTML 5Page - Maxim Integrated Products MAX6721 Datasheet HTML 6Page - Maxim Integrated Products MAX6721 Datasheet HTML 7Page - Maxim Integrated Products MAX6721 Datasheet HTML 8Page - Maxim Integrated Products MAX6721 Datasheet HTML 9Page - Maxim Integrated Products MAX6721 Datasheet HTML 10Page - Maxim Integrated Products MAX6721 Datasheet HTML 11Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 19 page
background image
Dual/Triple Ultra-Low-Voltage SOT23 µP
Supervisory Circuits
_______________________________________________________________________________________
7
Pin Description (continued)
PIN
MAX6715/
MAX6716
MAX6717/
MAX6718
MAX6719/
MAX6720
MAX6721/
MAX6722
MAX6723/
MAX6724
MAX6725/
MAX6726
MAX6727
MAX6728/
MAX6729
NAME
FUNCTION
5
—
———
——
—
RST2
Active-Low Reset Output,
Open-Drain or Push-Pull.
RST2 changes from high
to low when VCC1 or
VCC2 drops below the
selected reset thresholds
or
MR is pulled low. RST2
remains low for the reset
timeout period after
VCC1/VCC2 exceed the
device reset thresholds
or
MR goes low to high.
Open-drain outputs
require an external pullup
resistor. Push-pull
outputs are referenced to
VCC2.
2
222
2222
GND
Ground
3
333
—
555
MR
Active-Low Manual Reset
Input. Internal 50k
Ω
pullup to VCC1. Pull low
to force a reset. Reset
remains active as long as
MR is low and for the
reset timeout period after
MR goes high. Leave
unconnected or connect
to VCC1 if unused.
4
444
4666
VCC2
Secondary Supply
Voltage Input. Powers the
device when it is above
VCC1 and input for
secondary reset
threshold monitor.
6
566
6888
VCC1
Primary Supply Voltage
Input. Powers the device
when it is above VCC2
and input for primary
reset threshold monitor.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com