Electronic Components Datasheet Search
  English  ▼

X  

US12231 Datasheet(PDF) 13 Page - Unisonic Technologies

Part # US12231
Description  POWER INTERFACE SWITCH
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

US12231 Datasheet(HTML) 13 Page - Unisonic Technologies

Back Button US12231 Datasheet HTML 7Page - Unisonic Technologies US12231 Datasheet HTML 8Page - Unisonic Technologies US12231 Datasheet HTML 9Page - Unisonic Technologies US12231 Datasheet HTML 10Page - Unisonic Technologies US12231 Datasheet HTML 11Page - Unisonic Technologies US12231 Datasheet HTML 12Page - Unisonic Technologies US12231 Datasheet HTML 13Page - Unisonic Technologies US12231 Datasheet HTML 14Page - Unisonic Technologies US12231 Datasheet HTML 15Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 13 / 15 page
background image
US12231
Preliminary
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
13 of 15
www.unisonic.com.tw
QW-R502-A82.a
EXPRESS CARD TIMING DIAGRAMS(Cont.)
SYSRST
CPxx
Card Power
(AUXIN, 3.3VOUT,
and 1.5VOUT)
Host Power
(AUXIN)
RCLKEN
PERST
Note: Once 3.3V and 1.5V are applied, the power switch follows the power-up sequence of Figure 2 or Figure 3.
Figure 4. Timing Signals - Host System In Standby Prior to Card Insertion
Host Power
(3.3VIN, and 1.5VIN)
Tpd
Min
Max
Units
a
b
c
d
System Dependent
Load Dependent
SYSRST
CPxx
Card Power
(AUXOUT, 3.3VOUT, and
1.5VOUT)
Host Power
(AUXIN, 3.3VIN, and 1.5VIN)
RCLKEN
PERST
b
a
d
c
Figure 5. Timing Signals - Host - Controlled Power Down
500
500
ns
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com