Electronic Components Datasheet Search
  English  ▼

X  

D3000D Datasheet(PDF) 2 Page - Nell Semiconductor Co., Ltd

Part # D3000D
Description  High voltage ratings up to 2500V
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NELLSEMI [Nell Semiconductor Co., Ltd]
Direct Link  http://www.nellsemi.com
Logo NELLSEMI - Nell Semiconductor Co., Ltd

D3000D Datasheet(HTML) 2 Page - Nell Semiconductor Co., Ltd

  D3000D Datasheet HTML 1Page - Nell Semiconductor Co., Ltd D3000D Datasheet HTML 2Page - Nell Semiconductor Co., Ltd D3000D Datasheet HTML 3Page - Nell Semiconductor Co., Ltd D3000D Datasheet HTML 4Page - Nell Semiconductor Co., Ltd D3000D Datasheet HTML 5Page - Nell Semiconductor Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
SEMICONDUCTOR
Nell High Power Products
RoHS
RoHS
FORWARD CONDUCTION
PARAMETER
SYMBOL
UNIT
TEST CONDITIONS
VALUES
Maximum average forward current
at heatsink temperature
IF(AV)
180° conduction, half sine wave
Double side (single side) cooled
A
55(85)
ºC
Maximum peak, one cycle
non-reptitive surge current
IFSM
t = 10ms
t = 8.3ms
t = 10ms
t
= 8.3ms
t = 10ms
t = 8.3ms
t = 10ms
t = 8.3ms
5000
31000
32460
26040
27270
4805
4375
3390
2
kA s
A
3090
t = 0.1 to 10 ms, no voltage reapplied
Maximum l²t for fusing
48050
V
0.76
3000(1550)
VFM
l
= 4000A,
pk
T =T maximum
J
J
,
0.16
V
VF(TO)1
rt1
mΩ
2
I √t
2
kA √s
Maximum l²√t for fusing
No voltage
reapplied
100%VRRM
reapplied
No voltage
reapplied
100%VRRM
reapplied
Sinusoidal half wave,
initial T = T maximum
J
J
IF(RMS)
VF(TO)2
rt2
Maximum forward voltage drop
High level value of forward slope resistance
Low level value of forward slope resistance
High level value of threshold voltage
Low level value of threshold voltage
Maximum RMS
current
forward
25°C heatsink temperature double side cooled
(16.7% x π x l
< I
),T =T maximum
F(AV)
J
J
< π x lF(AV)
(I >
),T =T maximum
J
J
π x lF(AV)
(16.7% x π x l
< I
),T =T maximum
F(AV)
J
J
< π x lF(AV)
(I >
),T =T maximum
J
J
π x lF(AV)
A
0.97
0.13
1.41
2
I t
t = 10 ms sinusoidal wave
p
THERMAL AND MECHANICAL SPECIFICATIONS
PARAMETER
SYMBOL
UNIT
TEST CONDITIONS
VALUES
ºC
-40 to 180
-55 to 200
0.042
0.020
22250
(2250)
425
TO-200AC (K-PUK), Nell’s D-type Capsule
g
(kg)
N
K/W
Maximum
operating temperature range
junction
Maximum storage temperature range
Maximum thermal resistance, junction to heatsink
Mounting force, ±10%
Approximate weight
Case style
TJ
Tstg
RthJ-hs
DC operation single side cooled
DC operation double side cooled
RthJC CONDUCTION
CONDUCTION ANGEL
SINUSOIDAL CONDUCTION
RECTANGULAR CONDUCTION
180°
120°
90°
60°
30°
• The table above shows the increment of thermal resistance R
when devices
thJ-hs
operate at different conduction angles than DC
Note
UNITS
TEST CONDUCTIONS
K/W
T = T maximum
J
J
SINGLE SIDE
DOUBLE SIDE
SINGLE SIDE
DOUBLE SIDE
0.002
0.002
0.003
0.004
0.007
0.002
0.002
0.003
0.004
0.007
0.001
0.001
0.002
0.002
0.003
0.003
0.004
0.004
0.007
0.007
Page 2 of 5
www.nellsemi.com
D3000D Series



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com