Electronic Components Datasheet Search
  English  ▼

X  

MAX6830 Datasheet(PDF) 10 Page - Maxim Integrated Products

Part # MAX6830
Description  Dual Ultra-Low-Voltage SOT23 關P Supervisors with Manual Reset and Watchdog Timer
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX6830 Datasheet(HTML) 10 Page - Maxim Integrated Products

Back Button MAX6830 Datasheet HTML 4Page - Maxim Integrated Products MAX6830 Datasheet HTML 5Page - Maxim Integrated Products MAX6830 Datasheet HTML 6Page - Maxim Integrated Products MAX6830 Datasheet HTML 7Page - Maxim Integrated Products MAX6830 Datasheet HTML 8Page - Maxim Integrated Products MAX6830 Datasheet HTML 9Page - Maxim Integrated Products MAX6830 Datasheet HTML 10Page - Maxim Integrated Products MAX6830 Datasheet HTML 11Page - Maxim Integrated Products MAX6830 Datasheet HTML 12Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
directly to the microcontroller’s RESET pin with a single
pullup resistor allows the device to assert a reset
(Figure 6).
Negative-Going VCC Transients
These supervisors are relatively immune to short-dura-
tion, negative-going VCC transients (glitches), which
usually do not require the entire system to shut down.
Resets are issued to the µP during power-up, power-
down, and brownout conditions. The Typical Operating
Characteristics show a graph of the Maximum VCC
Transient Duration vs. Reset Threshold Overdrive, for
which reset pulses are not generated. The graph was
produced using negative-going VCC pulses, starting at
the standard monitored voltage and ending below the
reset threshold by the magnitude indicated (reset
threshold overdrive). The graph shows the maximum
pulse width that a negative-going VCC transient can
typically have without triggering a reset pulse. As the
amplitude of the transient increases (i.e., goes farther
below the reset threshold), the maximum allowable
pulse width decreases. Typically, a VCC transient that
goes 100mV below the reset threshold and lasts for
20µs or less will not trigger a reset pulse.
Ensuring a Valid RESET
Output Down to VCC = 0
The MAX6826–MAX6831 are guaranteed to operate
properly down to VCC = 1V. In applications that require
valid reset levels down to VCC = 0, a pulldown resistor
to active-low outputs (push/pull only, Figure 7) and a
pullup resistor to active-high outputs (push/pull only) will
ensure that the reset line is valid while the reset output
can no longer sink or source current. This scheme does
not work with the open-drain outputs of the
MAX6828/MAX6831. The resistor value used is not criti-
cal, but it must be small enough not to load the reset
output when VCC is above the reset threshold. For falling
slew rates greater than 1V/s, a 100k
Ω is adequate.
Watchdog Software Considerations
One way to help the watchdog timer monitor software
execution more closely is to set and reset the watchdog
input at different points in the program, rather than
pulsing the watchdog input high-low-high or low-high-
low. This technique avoids a stuck loop, in which the
watchdog timer would continue to be reset inside the
loop, keeping the watchdog from timing out.
Figure 8 shows an example of a flow diagram where the
I/O driving the watchdog input is set high at the begin-
ning of the program, set low at the beginning of every
subroutine or loop, then set high again when the pro-
gram returns to the beginning. If the program should
hang in any subroutine, the problem would quickly be
corrected, since the I/O is continually set low and the
watchdog timer is allowed to time out, causing a reset
or interrupt to be issued. As described in the Watchdog
Input Current section, this scheme results in higher time
average WDI input current than does leaving WDI low
for the majority of the timeout period and periodically
pulsing it low-high-low.
Dual Ultra-Low-Voltage SOT23 µP Supervisors
with Manual Reset and Watchdog Timer
10
______________________________________________________________________________________
Figure 8. Watchdog Flow Diagram
START
SET WDI
HIGH
PROGRAM
CODE
SUBROUTINE OR
PROGRAM LOOP
SET WDI LOW
RETURN
MAX6826
MAX6829
VCC
R1
100k
Ω
RESET
GND
Figure 7. RESET Valid to VCC = Ground Circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com