Electronic Components Datasheet Search
  English  ▼

X  

MAX6503CMP070 Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX6503CMP070
Description  Low-Cost, 2.7V to 5.5V, Micropower Temperature Switches in SOT23 and TO-220
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX6503CMP070 Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX6503CMP070 Datasheet HTML 1Page - Maxim Integrated Products MAX6503CMP070 Datasheet HTML 2Page - Maxim Integrated Products MAX6503CMP070 Datasheet HTML 3Page - Maxim Integrated Products MAX6503CMP070 Datasheet HTML 4Page - Maxim Integrated Products MAX6503CMP070 Datasheet HTML 5Page - Maxim Integrated Products MAX6503CMP070 Datasheet HTML 6Page - Maxim Integrated Products MAX6503CMP070 Datasheet HTML 7Page - Maxim Integrated Products MAX6503CMP070 Datasheet HTML 8Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
________________General Description
The MAX6501–MAX6504 low-cost, fully integrated tem-
perature switches assert a logic signal when their die
temperature crosses a factory-programmed threshold.
Operating from a +2.7V to +5.5V supply, these devices
feature two on-chip, temperature-dependent voltage
references and a comparator. They are available with
factory-trimmed temperature trip thresholds from -45°C
to +115°C in 10°C increments, and are accurate to
±0.5°C (typ) or ±6°C (max). These devices require no
external components and typically consume 30µA sup-
ply current. Hysteresis is pin-selectable at +2°C or
+10°C.
The MAX6501/MAX6503 have an active-low, open-drain
output intended to interface with a microprocessor (µP)
reset input. The MAX6502/MAX6504 have an active-
high, push-pull output intended to directly drive fan-
control logic. The MAX6501/MAX6502 are offered with
hot-temperature thresholds (+35°C to +115°C), assert-
ing when the temperature is above the threshold. The
MAX6503/MAX6504 are offered with cold-temperature
thresholds (-45°C to +15°C), asserting when the tem-
perature is below the threshold.
The MAX6501–MAX6504 are offered in eight standard
temperature versions; contact the factory for pricing
and availability of nonstandard temperature versions.
They are available in 5-pin SOT23 and 7-pin TO-220
packages.
____________________________Features
o ±0.5°C (typical) Threshold Accuracy Over
Full Temperature Range
o No External Components Required
o Low Cost
o 30µA Supply Current
o Factory-Programmed Thresholds from
-45°C to +115°C in 10°C Increments
o Open-Drain Output (MAX6501/MAX6503)
Push-Pull Output (MAX6502/MAX6504)
o Pin-Selectable +2°C or +10°C Hysteresis
o SOT23-5 and TO220-7 Packages
Low-Cost, +2.7V to +5.5V, Micropower
Temperature Switches in SOT23 and TO-220
________________________________________________________________ Maxim Integrated Products
1
19-1280; Rev 2; 11/99
Ordering Information
*These parts are offered in eight standard temperature versions
with a minimum order of 2,500 pieces. To complete the suffix
information, add P or N for positive or negative trip temperature,
and select an available trip point in degrees centigrade. For
example, the MAX6501UKP065-T describes a MAX6501 in a
SOT23-5 package with a +65°C threshold. Contact the factory for
pricing and availability of nonstandard temperature versions (mini-
mum order 10,000 pieces).
________________________Applications
µP Temperature Monitoring in High-Speed
Computers
Temperature Control
Temperature Alarms
Fan Control
Selector Guide and Pin Configurations appear at end of
data sheet.
PART*
MAX6501UK_ _ _ _-T
-55°C to +125°C
TEMP. RANGE
PIN-PACKAGE
5 SOT23-5
MAX6503UK_ _ _ _-T
-55°C to +125°C
5 SOT23-5
MAX6504UK_ _ _ _-T
-55°C to +125°C
5 SOT23-5
MAX6502UK_ _ _ _-T
-55°C to +125°C
5 SOT23-5
†Patents Pending
For free samples & the latest literature: http://www.maxim-ic.com, or phone 1-800-998-8800.
For small orders, phone 1-800-835-8769.
MAX6501CM_ _ _ _-T
-55°C to +125°C
7 TO-220-7
MAX6502CM_ _ _ _-T
-55°C to +125°C
7 TO-220-7
MAX6503CM_ _ _ _-T
-55°C to +125°C
7 TO-220-7
MAX6504CM_ _ _ _-T
-55°C to +125°C
7 TO-220-7
MAX6502
+2.7V TO +5.5V
GND
HYST
TOVER
µP
INT
GND
GND
VCC
VCC
Typical Operating Circuit


Similar Part No. - MAX6503CMP070

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6503UK____+T MAXIM-MAX6503UK____+T Datasheet
294Kb / 9P
Low-Cost, 2.7V to 5.5V, Micropower Temperature Switches in SOT23
2011
More results

Similar Description - MAX6503CMP070

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6516 MAXIM-MAX6516 Datasheet
212Kb / 10P
Low-Cost, 2.7V to 5.5V, Analog Temperature Sensor Switches in a SOT23
Rev 0; 11/03
MAX6514 MAXIM-MAX6514 Datasheet
266Kb / 8P
Low-Cost, 2.7V to 5.5V Temperature Switches in a SOT23
Rev 0; 1/04
logo
Analog Devices
ADT6501 AD-ADT6501 Datasheet
463Kb / 16P
Low Cost, 2.7 V to 5.5 V, Micropower Temperature Switches in SOT-23
logo
Cadeka Microcircuits LL...
CLC2005 CADEKA-CLC2005 Datasheet
2Mb / 13P
Dual, Low Cost, 2.7V to 5.5V, 260MHz Rail-to-Rail Amplifier
logo
Maxim Integrated Produc...
MAX6514 MAXIM-MAX6514_11 Datasheet
192Kb / 8P
Low-Cost, 2.7V to 5.5V Temperature Switches in a SOT23
Rev 1; 2/11
MAX6516 MAXIM-MAX6516_11 Datasheet
238Kb / 10P
Low-Cost, 2.7V to 5.5V, Analog Temperature Sensor Switches in a SOT23
Rev 1; 2/11
logo
Cadeka Microcircuits LL...
AD8052LV CADEKA-AD8052LV Datasheet
3Mb / 14P
Low Cost, 2.7V to 5.5V, 260MHz Rail-to-Rail Amplifier
logo
Analog Devices
ADT6504SRJZN015RL7 AD-ADT6504SRJZN015RL7 Datasheet
275Kb / 16P
Low Cost, 2.7 V to 5.5 V, Micropower Temperature Switches in SOT-23
REV. B
logo
Exar Corporation
CLC1005 EXAR-CLC1005 Datasheet
2Mb / 19P
Low Cost, 2.7V to 5.5V, 260MHz Rail-to-Rail Amplifiers
logo
Maxim Integrated Produc...
MAX6501 MAXIM-MAX6501_V01 Datasheet
294Kb / 9P
Low-Cost, 2.7V to 5.5V, Micropower Temperature Switches in SOT23
2011
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com