Electronic Components Datasheet Search
  English  ▼

X  

MAX690ACSA Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX690ACSA
Description  Microprocessor Supervisory Circuits
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX690ACSA Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX690ACSA Datasheet HTML 1Page - Maxim Integrated Products MAX690ACSA Datasheet HTML 2Page - Maxim Integrated Products MAX690ACSA Datasheet HTML 3Page - Maxim Integrated Products MAX690ACSA Datasheet HTML 4Page - Maxim Integrated Products MAX690ACSA Datasheet HTML 5Page - Maxim Integrated Products MAX690ACSA Datasheet HTML 6Page - Maxim Integrated Products MAX690ACSA Datasheet HTML 7Page - Maxim Integrated Products MAX690ACSA Datasheet HTML 8Page - Maxim Integrated Products MAX690ACSA Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
Microprocessor Supervisory Circuits
________________________________________________________________
Maxim Integrated Products
1
1
2
3
4
8
7
6
5
VBATT
RESET (RESET)
WDI
PFO
PFI
GND
VCC
VOUT
DIP/SO
TOP VIEW
MAX690A
MAX692A
MAX802L
MAX802M
MAX805L
( ) ARE FOR MAX805L ONLY.
_________________Pin Configurations
VCC
NMI
I/O LINE GND
VCC
CMOS
RAM
GND
UNREGULATED DC REGULATED +5V
RESET
PFO
WDI
VOUT
GND
VBATT
VCC
PFI
R1
R2
O.1
µF
3.6V
LITHIUM
BATTERY
MAX690A
MAX802L
µP
RESET
__________Typical Operating Circuit
Call toll free 1-800-998-8800 for free samples or literature.
19-4333; Rev 3; 9/93
__________________General Description
The MAX690A/MAX692A/MAX802L/MAX802M/MAX805L
reduce the complexity and number of components
required for power-supply monitoring and battery-control
functions in microprocessor (µP) systems. They signifi-
cantly improve system reliability and accuracy compared
to separate ICs or discrete components.
These parts provide four functions:
1) A reset output during power-up, power-down, and
brownout conditions.
2) Battery-backup switching for CMOS RAM, CMOS
µP, or other low-power logic.
3) A reset pulse if the optional watchdog timer has not
been toggled within 1.6sec.
4) A 1.25V threshold detector for power-fail warning or
low-battery detection, or to monitor a power supply
other than +5V.
The parts differ in their reset-voltage threshold levels
and reset outputs. The MAX690A/MAX802L/MAX805L
generate a reset pulse when the supply voltage drops
below 4.65V, and the MAX692A/MAX802M generate a
reset below 4.40V. The MAX802L/MAX802M guaran-
tee power-fail accuracies to ±2%. The MAX805L is the
same as the MAX690A except that RESET is provided
instead of RESET.
All parts are available in 8-pin DIP and SO packages.
The MAX690A/MAX802L are pin compatible with the
MAX690 and MAX694. The MAX692A/MAX802M are
pin compatible with the MAX692.
_______________________Applications
Battery-Powered Computers and Controllers
Intelligent Instruments
Automotive Systems
Critical µP Power Monitoring
___________________________Features
o Precision Supply-Voltage Monitor:
4.65V for MAX690A/MAX802L/MAX805L
4.40V for MAX692A/MAX802M
o Reset Time Delay – 200ms
o Watchdog Timer – 1.6sec Timeout
o Battery-Backup Power Switching
o 200µA Quiescent Supply Current
o 50nA Quiescent Supply Current in Battery-
Backup Mode
o Voltage Monitor for Power-Fail or Low-Battery
Warning
o Power-Fail Accuracy Guaranteed to ±2%
(MAX802L/M)
o Guaranteed
RESET Assertion to V
CC = 1V
o 8-Pin SO and DIP Packages
______________Ordering Information
PART
TEMP. RANGE
PIN-PACKAGE
MAX690ACPA
8 Plastic DIP
MAX690ACSA
0°C to +70°C
8 SO
MAX690AC/D
0°C to +70°C
Dice*
MAX690AEPA
-40°C to +85°C
8 Plastic DIP
MAX690AESA
-40°C to +85°C
8 SO
MAX690AMJA
-55°C to +125°C
8 CERDIP**
Ordering Information continued on last page.
* Dice are specified at TA = +25°C
**Contact factory for availability and processing to MIL-STD-883.
0°C to +70°C


Similar Part No. - MAX690ACSA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX690ACSA MAXIM-MAX690ACSA Datasheet
570Kb / 12P
Microprocessor Supervisory Circuits
Rev 4; 12/05
MAX690ACSA MAXIM-MAX690ACSA Datasheet
556Kb / 13P
Microprocessor Supervisory Circuits
2015
More results

Similar Description - MAX690ACSA

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADM690A AD-ADM690A Datasheet
327Kb / 8P
Microprocessor Supervisory Circuits
REV.0
ADM8690ADM8695 AD-ADM8690ADM8695 Datasheet
183Kb / 16P
Microprocessor Supervisory Circuits
REV.0
ADM8698 AD-ADM8698 Datasheet
95Kb / 4P
Microprocessor Supervisory Circuits
REV.0
logo
Linear Technology
LTC690 LINER-LTC690 Datasheet
141Kb / 16P
Microprocessor Supervisory Circuits
logo
Maxim Integrated Produc...
MAX690 MAXIM-MAX690 Datasheet
626Kb / 16P
Microprocessor Supervisory Circuits
Rev 2; 4/95
logo
Analog Devices
ADM691AARN-REEL7 AD-ADM691AARN-REEL7 Datasheet
344Kb / 12P
Microprocessor Supervisory Circuits
REV. 0
ADM695ANZ AD-ADM695ANZ Datasheet
291Kb / 16P
Microprocessor Supervisory Circuits
REV. A
ADM691ARZ AD-ADM691ARZ Datasheet
291Kb / 16P
Microprocessor Supervisory Circuits
REV. A
ADM692A AD-ADM692A_15 Datasheet
334Kb / 8P
Microprocessor Supervisory Circuits
REV. 0
ADM805LM AD-ADM805LM_15 Datasheet
334Kb / 8P
Microprocessor Supervisory Circuits
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com