Electronic Components Datasheet Search
  English  ▼

X  

MAX6951EEE Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX6951EEE
Description  Serially Interfaced, 2.7V to 5.5V, 5- and 8-Digit LED Display Drivers
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX6951EEE Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX6951EEE Datasheet HTML 1Page - Maxim Integrated Products MAX6951EEE Datasheet HTML 2Page - Maxim Integrated Products MAX6951EEE Datasheet HTML 3Page - Maxim Integrated Products MAX6951EEE Datasheet HTML 4Page - Maxim Integrated Products MAX6951EEE Datasheet HTML 5Page - Maxim Integrated Products MAX6951EEE Datasheet HTML 6Page - Maxim Integrated Products MAX6951EEE Datasheet HTML 7Page - Maxim Integrated Products MAX6951EEE Datasheet HTML 8Page - Maxim Integrated Products MAX6951EEE Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 19 page
background image
Serially Interfaced, +2.7V to +5.5V,
5- and 8-Digit LED Display Drivers
_______________________________________________________________________________________
3
ELECTRICAL CHARACTERISTICS
(Typical operating circuit, V+ = +3.0V to +5.5V, TA = TMIN to TMAX, unless otherwise noted.) (Note 1)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Slow Segment Blink Period
(Internal Oscillator)
fSLOWBLINK
Eight digits scanned, OSC = RC oscillator,
RSET = 56k
Ω, CSET = 27pF
1s
Fast Segment Blink Period
(Internal Oscillator)
fFASTBLINK
Eight digits scanned, OSC = RC oscillator,
RSET = 56k
Ω, CSET = 27pF
0.5
s
Fast or Slow Segment Blink Duty
Cycle (Note 2)
49.9
50
50.1
%
Digit Drive Sink Current
IDIGIT
TA = +25°C, VLED = 2.4V
240
320
400
mA
Segment Drive Source Current
ISEG
TA = +25°C, VLED = 2.4V
-30
-40
-50
mA
Digit Drive Sink Current (Note 2)
IDIGIT
TA = +25°C, V+ = 2.7V to 3V, VLED = 2.2V
80
mA
Segment Drive Source Current
(Note 2)
ISEG
TA = +25°C, V+ = 2.7V to 3V, VLED = 2.2V
-10
mA
Slew Rate Rise Time
∆ISEG/∆t
TA = +25°C
35
mA/µs
LOGIC INPUTS
Input Current DIN, CLK, CS
IIH, IIL
VIN = 0 or V+
-2
2
µA
Logic High Input Voltage DIN,
CLK, CS
VIH
2.4
V
Logic Low Input Voltage DIN,
CLK, CS
VIL
0.4
V
Hysteresis Voltage DIN, CLK, CS
∆VI
0.5
V
TIMING CHARACTERISTICS (Figure 1)
CLK Clock Period
tCP
38.4
ns
CLK Pulse Width High
tCH
19
ns
CLK Pulse Width Low
tCL
19
ns
CS Fall to CLK Rise Setup TimetCSS
9.5
ns
CLK Rise to CS Rise Hold Time
tCSH
3ns
DIN Setup Time
tDS
9.5
ns
DIN Hold Time
tDH
0ns
CS Pulse High
tCSW
19
ns
TIMING CHARACTERISTICS (V+ = +2.7V) (Note 2)
CLK Clock Period
tCP
50
ns
CLK Pulse Width High
tCH
24
ns
CLK Pulse Width Low
tCL
24
ns
CS Fall to CLK Rise Setup Time
tCSS
12
ns
CLK Rise to CS Rise Hold Time
tCSH
4ns
DIN Setup Time
tDS
12
ns
DIN Hold Time
tDH
4ns
CS Pulse High
tCSW
24
ns
Note 1: All parameters tested at TA = +25°C. Specifications over temperature are guaranteed by design.
Note 2: Guaranteed by design.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com