Electronic Components Datasheet Search
  English  ▼

X  

MAX6955APL Datasheet(PDF) 16 Page - Maxim Integrated Products

Part # MAX6955APL
Description  2-Wire Interfaced, 2.7V to 5.5V LED Display Driver with I/O Expander and Key Scan
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX6955APL Datasheet(HTML) 16 Page - Maxim Integrated Products

Back Button MAX6955APL Datasheet HTML 12Page - Maxim Integrated Products MAX6955APL Datasheet HTML 13Page - Maxim Integrated Products MAX6955APL Datasheet HTML 14Page - Maxim Integrated Products MAX6955APL Datasheet HTML 15Page - Maxim Integrated Products MAX6955APL Datasheet HTML 16Page - Maxim Integrated Products MAX6955APL Datasheet HTML 17Page - Maxim Integrated Products MAX6955APL Datasheet HTML 18Page - Maxim Integrated Products MAX6955APL Datasheet HTML 19Page - Maxim Integrated Products MAX6955APL Datasheet HTML 20Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 39 page
background image
2-Wire Interfaced, 2.7V to 5.5V LED Display
Driver with I/O Expander and Key Scan
16
______________________________________________________________________________________
The timing in Figure 12 loops over time, with 32 keys
experiencing a full key-scanning debounce over typi-
cally 25.6ms. Four keys are sampled every 1.6ms, or
every multiplex cycle. If at least one key that was not
previously pressed is found to have been pressed dur-
ing both sampling periods, then that key press is
debounced, and an interrupt is issued. The key-scan
circuit detects any combination of keys being pressed
during each debounce cycle (n-key rollover).
Port Configuration Register
The port configuration register selects how the five port
pins are used. The port configuration register format is
described in Table 33.
Key Mask Registers
The Key_A Mask, Key_B Mask, Key_C Mask, and
Key_D Mask write-only registers (Table 34) configure
the key-scanning circuit to cause an interrupt only when
selected (masked) keys have been debounced. Each
bit in the register corresponds to one key switch. The bit
is clear to disable interrupt for the switch, and set to
enable interrupt. Keys are always scanned (if enabled
through the port configuration register), regardless of
the setting of these interrupt bits, and the key status is
stored in the appropriate Key_x pressed register.
S
A
0
SLAVE ADDRESS
COMMAND BYTE
ACKNOWLEDGE FROM MAX6955
R/W
ACKNOWLEDGE FROM MAX6955
D15
D14
D13
D12
D11
D10
D 9
D 8
COMMAND BYTE IS STORED ON RECEIPT OF STOP CONDITION
A
P
Figure 7. Command Byte Received
AP
0
SLAVE ADDRESS
COMMAND BYTE
DATA BYTE
ACKNOWLEDGE FROM MAX6955
R/W
1 BYTE
AUTOINCREMENT MEMORY WORD ADDRESS
ACKNOWLEDGE FROM MAX6955
ACKNOWLEDGE FROM MAX6955
D15
D14
D13
D12
D11
D10
D9
D8
D1
D0
D3
D2
D5
D4
D7
D6
HOW CONTROL BYTE AND DATA BYTE MAP INTO
MAX6955's REGISTERS
S
A
A
Figure 8. Command and Single Data Byte Received
AP
0
SLAVE ADDRESS
COMMAND BYTE
DATA BYTE
ACKNOWLEDGE FROM MAX6955
R/W
n BYTE
AUTOINCREMENT MEMORY WORD ADDRESS
ACKNOWLEDGE FROM MAX6955
ACKNOWLEDGE FROM MAX6955
D15
D14
D13
D12
D11
D10
D9
D8
D1
D0
D3
D2
D5
D4
D7
D6
HOW CONTROL BYTE AND DATA BYTE MAP INTO
MAX6955's REGISTERS
S
A
A
Figure 9. n Data Bytes Received



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com