Electronic Components Datasheet Search
  English  ▼

X  

MAX712 Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX712
Description  NiCd/NiMH Battery Fast-Charge Controllers
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX712 Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX712 Datasheet HTML 1Page - Maxim Integrated Products MAX712 Datasheet HTML 2Page - Maxim Integrated Products MAX712 Datasheet HTML 3Page - Maxim Integrated Products MAX712 Datasheet HTML 4Page - Maxim Integrated Products MAX712 Datasheet HTML 5Page - Maxim Integrated Products MAX712 Datasheet HTML 6Page - Maxim Integrated Products MAX712 Datasheet HTML 7Page - Maxim Integrated Products MAX712 Datasheet HTML 8Page - Maxim Integrated Products MAX712 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
ELECTRICAL CHARACTERISTICS (continued)
(IV+ = 10mA, TA = TMIN to TMAX, unless otherwise noted. Refer to Typical Operating Circuit. All measurements are with respect to
BATT-, not GND.)
Note 1: The MAX712/MAX713 are powered from the V+ pin. Since V+ shunt regulates to +5V, R1 must be small enough to allow at
least 5mA of current into the V+ pin.
Note 2: Offset voltage of THI and TLO comparators referred to TEMP.
Note 3: tA is the A/D sampling interval (Table 3).
Note 4: This specification can be violated when attempting to charge more or fewer cells than the number programmed. To ensure
proper voltage-slope fast-charge termination, the (maximum battery voltage) ÷ (number of cells programmed) must fall
within the A/D input range.
NiCd/NiMH Battery
Fast-Charge Controllers
_______________________________________________________________________________________
3
Battery voltage ÷ number of cells programmed
VFASTCHG = 10V
VFASTCHG = 0.4V
CONDITIONS
V
1.4
1.9
A/D Input Range (Note 4)
µA
10
FASTCHG High Current
mA
2
FASTCHG Low Current
UNITS
MIN
TYP
MAX
PARAMETER
__________________________________________Typical Operating Characteristics
(TA = +25°C, unless otherwise noted.)
20
1k
100k
1M
10k
10M
CURRENT-SENSE AMPLIFIER
FREQUENCY RESPONSE (with 15pF)
-20
FREQUENCY (Hz)
-10
0
10
40
-120
-80
-40
0
C2 = 15pF
FASTCHG = 0V
VOUT
VIN
CURRENT-
SENSE
AMP
BATT-
BATT-
CC
GND
-
-
+
+
AV
Φ
20
-10
-20
10
1k
CURRENT-SENSE AMPLIFIER
FREQUENCY RESPONSE (with 10nF)
0
10
40
-80
-120
-40
0
FREQUENCY (Hz)
100
10k
C2 = 10nF
FASTCHG = 0V
AV
Φ
100
0.1
1.95
1.97
2.01
2.05
CURRENT ERROR-AMPLIFIER
TRANSCONDUCTANCE
1
10
VOLTAGE ON CC PIN (V)
1.99
2.03
FASTCHG = 0V, V+ = 5V
5.8
4.8
060
SHUNT-REGULATOR VOLTAGE
vs. CURRENT
5.6
CURRENT INTO V+ PIN (mA)
30
5.2
5.0
10
20
50
5.4
4.0
4.4
4.2
4.6
40
DRV NOT SINKING CURRENT
DRV SINKING CURRENT
1.0
060
ALPHA THERMISTOR PART No. 13A1002
STEINHART-HART INTERPOLATION
1.6
BATTERY TEMPERATURE(
°C)
30
1.4
1.2
10
20
50
0.2
0.6
0.4
0.8
20
35
30
25
0
10
5
15
40



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com