Electronic Components Datasheet Search
  English  ▼

X  

MAX7219ENG Datasheet(PDF) 11 Page - Maxim Integrated Products

Part # MAX7219ENG
Description  Serially Interfaced, 8-Digit LED Display Drivers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX7219ENG Datasheet(HTML) 11 Page - Maxim Integrated Products

Back Button MAX7219ENG Datasheet HTML 7Page - Maxim Integrated Products MAX7219ENG Datasheet HTML 8Page - Maxim Integrated Products MAX7219ENG Datasheet HTML 9Page - Maxim Integrated Products MAX7219ENG Datasheet HTML 10Page - Maxim Integrated Products MAX7219ENG Datasheet HTML 11Page - Maxim Integrated Products MAX7219ENG Datasheet HTML 12Page - Maxim Integrated Products MAX7219ENG Datasheet HTML 13Page - Maxim Integrated Products MAX7219ENG Datasheet HTML 14Page - Maxim Integrated Products MAX7219ENG Datasheet HTML 15Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
Computing Power Dissipation
The upper limit for power dissipation (PD) for the
MAX7219/MAX7221 is determined from the following
equation:
PD = (V + x 8mA) + (V+ - VLED)(DUTY x ISEG x N)
where:
V+ = supply voltage
DUTY = duty cycle set by intensity register
N = number of segments driven (worst case is 8)
VLED = LED forward voltage
ISEG = segment current set by RSET
Dissipation Example:
ISEG = 40mA, N = 8, DUTY = 31/32, VLED = 1.8V at
40mA, V+ = 5.25V
PD = 5.25V(8mA) + (5.25V - 1.8V)(31/32 x
40mA x 8) = 1.11W
Thus, for a CERDIP package (
θJA = +60°C/W from
Table 12), the maximum allowed ambient temperature
TA is given by:
TJ(MAX) = TA + PD x
θJA + 150°C = TA +1.11W x
60°C/W
where TA = +83.4°C.
Cascading Drivers
The example in Figure 3 drives 16 digits using a 3-wire
µP interface. If the number of digits is not a multiple of
8, set both drivers’ scan limits registers to the same
number so one display will not appear brighter than the
other. For example, if 12 digits are need, use 6 digits
per display with both scan-limit registers set for 6 digits
so that both displays have a 1/6 duty cycle per digit. If
11 digits are needed, set both scan-limit registers for 6
digits and leave one digit driver unconnected. If one
display for 6 digits and the other for 5 digits, the sec-
ond display will appear brighter because its duty cycle
per digit will be 1/5 while the first display’s will be 1/6.
Refer to the
No-Op Register section for additional infor-
mation.
Serially Interfaced, 8-Digit LED Display Drivers
______________________________________________________________________________________
11
Table 11. RSET vs. Segment Current and
LED Forward Voltage
Table 12. Package Thermal Resistance
Data
12.2
17.8
1.5
40
11.0
2.5
11.8
30
9.69
15.8
VLED (V)
10.6
29.8
2.0
66.7
20
17.1
14.0
25.9
15.0
28.0
10
3.5
22.6
59.3
3.0
ISEG (mA)
24.5
63.7
51.2
55.4
24 Narrow DIP
24 Wide SO
PACKAGE
+85°C/W
24 CERDIP
Maximum Ambient Temperature (TA) = +85°C
Maximum Junction Temperature (TJ) = +150°C
+60°C/W
THERMAL RESISTANCE
(
θJA)
+75°C/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com