Electronic Components Datasheet Search
  English  ▼

X  

MAX7301 Datasheet(PDF) 13 Page - Maxim Integrated Products

Part # MAX7301
Description  4-Wire-Interfaced, 2.5V to 5.5V, 20-Port and 28-Port I/O Expander
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX7301 Datasheet(HTML) 13 Page - Maxim Integrated Products

Back Button MAX7301 Datasheet HTML 9Page - Maxim Integrated Products MAX7301 Datasheet HTML 10Page - Maxim Integrated Products MAX7301 Datasheet HTML 11Page - Maxim Integrated Products MAX7301 Datasheet HTML 12Page - Maxim Integrated Products MAX7301 Datasheet HTML 13Page - Maxim Integrated Products MAX7301 Datasheet HTML 14Page - Maxim Integrated Products MAX7301 Datasheet HTML 15Page - Maxim Integrated Products MAX7301 Datasheet HTML 16Page - Maxim Integrated Products MAX7301 Datasheet HTML 17Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 18 page
background image
4-Wire-Interfaced, 2.5V to 5.5V, 20-Port and
28-Port I/O Expander
______________________________________________________________________________________
13
Table 4. Power-Up Configuration
REGISTER DATA
REGISTER
FUNCTION
POWER-UP CONDITION
ADDRESS
CODE (HEX)
D7
D6
D5
D4
D3
D2
D1
D0
Port Register
Bits 4 to 31
GPIO Output Low
0x24 to
0x3F
XXX
XX
XX
0
Configuration
Register
Shutdown Enabled
Transition Detection Disabled
0x04
0
0
X
X
X
X
X
0
Input Mask
Register
All Clear (Masked Off)
0x06
X
0
0
0
0
0
0
0
Port
Configuration
P7, P6, P5, P4: GPIO Inputs Without Pullup
0x09
1
0
1
0
1
0
1
0
Port
Configuration
P11, P10, P9, P8: GPIO Inputs Without Pullup
0x0A
1
0
1
0
1
0
1
0
Port
Configuration
P15, P14, P13, P12: GPIO Inputs Without
Pullup
0x0B
1
0
1
0
1
0
1
0
Port
Configuration
P19, P18, P17, P16: GPIO Inputs Without
Pullup
0x0C
1
0
1
0
1
0
1
0
Port
Configuration
P23, P22, P21, P20: GPIO Inputs Without
Pullup
0x0D
1
0
1
0
1
0
1
0
Port
Configuration
P27, P26, P25, P24: GPIO Inputs Without
Pullup
0x0E
1
0
1
0
1
0
1
0
Port
Configuration
P31, P30, P29, P28: GPIO Inputs Without
Pullup
0x0F
1
0
1
0
1
0
1
0
X = unused bits; if read, zero results.
Table 5. Configuration Register Format
REGISTER DATA
FUNCTION
ADDRESS CODE
(HEX)
D7
D6
D5
D4
D3
D2
D1
D0
Configuration Register
0x04
M
0
XXXXXS
Table 6. Shutdown Control (S Data Bit D0) Format
REGISTER DATA
FUNCTION
ADDRESS CODE
(HEX)
D7
D6
D5
D4
D3
D2
D1
D0
Shutdown
0x04
M
0
XXXXX
0
Normal Operation
0x04
M
0
XXXXX
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com