Electronic Components Datasheet Search
  English  ▼

X  

MAX730AESA Datasheet(PDF) 9 Page - Maxim Integrated Products

Part # MAX730AESA
Description  5V, Step-Down, Current-Mode PWM DC-DC Converters
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX730AESA Datasheet(HTML) 9 Page - Maxim Integrated Products

Back Button MAX730AESA Datasheet HTML 5Page - Maxim Integrated Products MAX730AESA Datasheet HTML 6Page - Maxim Integrated Products MAX730AESA Datasheet HTML 7Page - Maxim Integrated Products MAX730AESA Datasheet HTML 8Page - Maxim Integrated Products MAX730AESA Datasheet HTML 9Page - Maxim Integrated Products MAX730AESA Datasheet HTML 10Page - Maxim Integrated Products MAX730AESA Datasheet HTML 11Page - Maxim Integrated Products MAX730AESA Datasheet HTML 12Page - Maxim Integrated Products MAX730AESA Datasheet HTML 13Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
Internal Reference
The +1.23V bandgap reference supplies up to 100µA
at REF. Connect a 0.01µF bypass capacitor from REF
to GND.
Oscillator
The internal oscillator of the MAX730A typically oper-
ates at 170kHz (160kHz for the MAX738A and 185kHz
for the MAX744A). The MAX744A is guaranteed to
operate at a minimum of 159kHz and a maximum of
212.5kHz over the operating voltage and temperature
range, making it ideal for use in portable communica-
tions systems. The
Typical Operating Characteristics
graphs indicate oscillator frequency stability over tem-
perature and supply voltage.
____________Applications Information
Figure 3 shows the standard 5V step-down application
circuits. Table 3 lists the components for the desired
operating temperature range. These circuits are useful
in systems that require high current at high efficiency
and are powered by an unregulated supply, such as a
battery or wall-plug AC-DC transformer. These circuits
operate over the entire line, load, and temperature
ranges using the single set of component values shown
in Figure 3 and listed in Table 3.
Inductor Selection
The MAX730A/MAX738A/MAX744A require no inductor
design because they are tested in-circuit, and are
guaranteed to deliver the power specified in the
Electrical Characteristics with high efficiency using a
5V, Step-Down,
Current-Mode PWM DC-DC Converters
_______________________________________________________________________________________
9
Table 1. Typical Soft-Start Times
MAX730A CIRCUIT CONDITIONS
SOFT-START TIME (ms) vs. C1 (µF)
R1 (k
Ω)
V+ (V)
IOUT (mA)
C4 (µF)
C1 = 0.01
C1 = 0.047
C1 = 0.1
C1 = 0.47
510
6
0
100
2
6
11
28
510
9
0
100
1
4
6
15
510
11
0
100
1
2
4
11
510
9
150
100
1
4
8
21
510
9
300
100
1
5
9
27
510
9
150
390
3
6
9
23
510
9
150
680
4
6
9
24
None
6
0
100
16
34
51
125
None
9
0
100
10
22
34
82
None
11
0
100
8
18
28
66
None
9
150
100
34
134
270
1263
None
9
150
390
39
147
280
1275
None
9
150
680
40
152
285
1280
MAX738A/MAX744A CIRCUIT CONDITIONS
SOFT-START TIME (ms) vs. C1 (µF)
R1 (k
Ω)
V+ (V)
IOUT (mA)
C4 (µF)
C1 = 0.01
C1 = 0.047
C1 = 0.1
C1 = 0.47
510
7
0
100
1
4
6
18
510
12
0
100
1
2
3
8
510
16
0
100
1
1
2
6
510
12
300
100
1
3
5
3
510
12
750
100
1
5
8
21
None
7
0
100
12
27
40
100
None
12
0
100
7
16
25
54
None
16
0
100
6
13
20
68
None
12
300
100
27
112
215
1114



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com