Electronic Components Datasheet Search
  English  ▼

X  

41T Datasheet(PDF) 2 Page - Nell Semiconductor Co., Ltd

Part # 41T
Description  High current triac
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NELLSEMI [Nell Semiconductor Co., Ltd]
Direct Link  http://www.nellsemi.com
Logo NELLSEMI - Nell Semiconductor Co., Ltd

41T Datasheet(HTML) 2 Page - Nell Semiconductor Co., Ltd

  41T Datasheet HTML 1Page - Nell Semiconductor Co., Ltd 41T Datasheet HTML 2Page - Nell Semiconductor Co., Ltd 41T Datasheet HTML 3Page - Nell Semiconductor Co., Ltd 41T Datasheet HTML 4Page - Nell Semiconductor Co., Ltd 41T Datasheet HTML 5Page - Nell Semiconductor Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
www.nellsemi.com
Page 2 of 5
SEMICONDUCTOR
RoHS
RoHS
41T Series
V
(2)
TM
MAX.
Vt0
(2)
Threshold voltage
MAX.
Dynamic resistance
MAX.
IDRM
IRRM
MAX.
mA
Note 1: Minimum l
is guaranted at 5% of l
max.
GT
GT
Note 2: For both polarities of A2 referenced to A1.
I
= 60 A,
TM
t = 380 µs
P
T = 125°C
j
T = 25°C
j
T = 125°C
j
T = 125°C
j
T = 25°C
j
1.55
0.85
10
10
5
V
V
µA
mΩ
STATIC CHARACTERISTICS
UNIT
VALUE
TEST CONDITIONS
SYMBOL
(2)
Rd
V = V
D
DRM
V = V
R
RRM
41Txxxx
Unit
I
(1)
GT
I - II - III
VGT
I - II - III
VGD
I - II - III
(2)
IH
MAX.
I - III
MAX.
mA
II
(2)
dV/dt
MIN.
(dI/dt)c(2)
A/ms
IL
MAX.
MIN.
V = 12 V, R = 30Ω
D
L
V = V
, R = 3.3KΩ
D
DRM
L
T = 125°C
j
I = 500 mA
T
I = 1.2 I
G
GT
V = 67% V
gate open ,T = 125°C
D
DRM
j
,
Without snubber, T = 125°C
j
50
1.3
0.2
60
80
100
1000
20
mA
V
V
mA
V/µs
TEST CONDITIONS
QUADRANT
SYMBOL
BW
SNUBBERLESS and Logic level (3 quadrants)
(T
ºC unless otherwise specified)
J= 25
ELECTRICAL CHARACTERISTICS
THERMAL RESISTANCE
Rth(j-c)
Junction to case (AC)
Rth(j-a)
Junction to ambient
0.9
°C/W
UNIT
VALUE
SYMBOL
TO-3P
TO-3P Insulated
0.6
TO-3P, TO-3P Insulated
50
S = Copper surface under tab.
ORDERING INFORMATION
41TxxB-yy
41TxxB-yy
ORDERING TYPE
MARKING
PACKAGE
WEIGHT
,
BASE Q TY
DELIVERY MODE
TO-3P
4.3g
30
Tube
PRODUCT SELECTOR
PART NUMBER
VOLTAGE (x x)
SENSITIVITY
PACKAGE
800 V
50 mA
1600 V
41TxxB-BW/41TxxBl-BW
TYPE
V
V
1000 V
V
Snubberless
BI: Insulated TO-3P package
TO-3P
1200 V
V
41TxxBI-yy
41TxxBI-yy
4.8g
30
Tube
Note: xx = voltage, yy = sensitivity
TO-3P insulated
600 V
V



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com