Electronic Components Datasheet Search
  English  ▼

X  

85D Datasheet(PDF) 3 Page - Nell Semiconductor Co., Ltd

Part # 85D
Description  Glass passivated chips
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NELLSEMI [Nell Semiconductor Co., Ltd]
Direct Link  http://www.nellsemi.com
Logo NELLSEMI - Nell Semiconductor Co., Ltd

85D Datasheet(HTML) 3 Page - Nell Semiconductor Co., Ltd

  85D Datasheet HTML 1Page - Nell Semiconductor Co., Ltd 85D Datasheet HTML 2Page - Nell Semiconductor Co., Ltd 85D Datasheet HTML 3Page - Nell Semiconductor Co., Ltd 85D Datasheet HTML 4Page - Nell Semiconductor Co., Ltd 85D Datasheet HTML 5Page - Nell Semiconductor Co., Ltd 85D Datasheet HTML 6Page - Nell Semiconductor Co., Ltd 85D Datasheet HTML 7Page - Nell Semiconductor Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
SEMICONDUCTOR
RoHS
RoHS
Nell High Power Products
Average Forward Current (A)
Average Forward Current (A)
Fig.1 Current Ratings Characteristics
Fig.2 Current Ratings Characteristics
85D(R)Series
Average Forward Current (A)
Average Forward Current (A)
Fig.4 Current Ratings Characteristics
0
100
20
140
120
60
40
80
0
80
20
120
140
100
40
60
180
170
130
140
150
160
100
110
120
130
140
150
DC
Fig.5 Forward Power Loss Characteristics
Average Forward Current (A)
Maximum Allowable Ambient Temperature (°C)
40
100 120
0
80
20
90
30
60
40
50
10
70
100
130
140
150
160
170
180
0
10
20
30 40
50 60
70
80
90 100
100
110
120
130
140
150
Fig.3 Current Ratings Characteristics
0
10
20
30
40
50
60
70
80
90
0
10
20
30
40
50
60
80
70
90
20
60
80
140 160 180
30°
120°
90°
60°
Conduction Angle
180°
30°
90°
60°
120°
180°
90°
60°
30°
120°
180°
30°
90°
120°
180°
DC
180°
60°
120°
90°
30°
60°
Page 3 of 7
www.nellsemi.com
85D(R) Series(200V to 1200V)
R
(DC) = 0.35 K/W
thJC
Conduction Angle
85D(R) Series(1600V)
R
(DC) = 0.35 K/W
thJC
85D(R) Series(200V to 1200V)
R
(DC) = 0.35 K/W
thJC
Conduction Period
85D(R) Series(1600V)
R
(DC) = 0.35 K/W
thJC
Conduction Period
RMS Limit
85D(R) Series
(200V to 1200V)
T = 180°C
J
Conduction Period
1
K/W
3 K/W
5 K/W
1.5
K/W
2 K
/W
10 K/W



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com