Electronic Components Datasheet Search
  English  ▼

X  

MAX707ESA Datasheet(PDF) 8 Page - Maxim Integrated Products

Part # MAX707ESA
Description  Low-Cost, uP Supervisory Circuits
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX707ESA Datasheet(HTML) 8 Page - Maxim Integrated Products

Back Button MAX707ESA Datasheet HTML 4Page - Maxim Integrated Products MAX707ESA Datasheet HTML 5Page - Maxim Integrated Products MAX707ESA Datasheet HTML 6Page - Maxim Integrated Products MAX707ESA Datasheet HTML 7Page - Maxim Integrated Products MAX707ESA Datasheet HTML 8Page - Maxim Integrated Products MAX707ESA Datasheet HTML 9Page - Maxim Integrated Products MAX707ESA Datasheet HTML 10Page - Maxim Integrated Products MAX707ESA Datasheet HTML 11Page - Maxim Integrated Products MAX707ESA Datasheet HTML 12Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
Interfacing to µPs with
Bidirectional Reset Pins
µPs with bidirectional reset pins, such as the Motorola
68HC11 series, can contend with the MAX705-MAX708
RESET output. If, for example, the RESET output is driven
high and the µP wants to pull it low, indeterminate logic
levels may result. To correct this, connect a 4.7k
Ω
resistor between the RESET output and the µP reset I/O,
as in Figure 8. Buffer the RESET output to other system
components.
Low-Cost, µP Supervisory Circuits
8
_______________________________________________________________________________________
MAX70_
RESET
R2
R1
+5V
V-
VCC
PFI
GND
MR
PFO
TO
µP
100k
100k
2N3904
MR
PFO
+5V
0V
+5V
0V
VTRIP
0V
V-
Figure 7. Monitoring a Negative Voltage
MAX70_
BUFFERED RESET TO OTHER SYSTEM COMPONENTS
4.7k
VCC
GND
RESET
VCC
GND
RESET
µP
Figure 8. Interfacing to µPs with Bidirectional Reset I/O
5
1.25
R1
1.25
VTRIP
R2
,VTRIP
0
−
=
−
<
MAX70_
RESET
R1
Figure 5. RESET Valid to Ground Circuit
MAX70_
RESET
130k
1%
PARAMETER
MIN
TYP
MAX
UNIT
+12V Reset
Threshold at +25°C
10.67 10.87 11.50
V
1M
1%
+5V
+12V
VCC
PFI
GND
MR
PFO
TO
µP
Figure 6. Monitoring Both +5V and +12V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com