Electronic Components Datasheet Search
  English  ▼

X  

MAX690RCSA Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX690RCSA
Description  3.0V/3.3V Microprocessor Supervisory Circuits
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX690RCSA Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX690RCSA Datasheet HTML 1Page - Maxim Integrated Products MAX690RCSA Datasheet HTML 2Page - Maxim Integrated Products MAX690RCSA Datasheet HTML 3Page - Maxim Integrated Products MAX690RCSA Datasheet HTML 4Page - Maxim Integrated Products MAX690RCSA Datasheet HTML 5Page - Maxim Integrated Products MAX690RCSA Datasheet HTML 6Page - Maxim Integrated Products MAX690RCSA Datasheet HTML 7Page - Maxim Integrated Products MAX690RCSA Datasheet HTML 8Page - Maxim Integrated Products MAX690RCSA Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
V
3.0V/3.3V Microprocessor Supervisory Circuits
_______________________________________________________________________________________
3
ELECTRICAL CHARACTERISTICS (continued)
(VCC = 3.17V to 5.5V for the MAX690T/MAX704T/MAX80_T, VCC = 3.02V to 5.5V for the MAX690S/MAX704S/MAX80_S, VCC = 2.72V to
5.5V for the MAX690R/MAX704R/MAX80_R; VBATT = 3.6V; TA = TMIN to TMAX; unless otherwise noted. Typical values are at TA = +25˚C.)
µA
-10
10
RESET Output Leakage Current
(Note 9)
-1
1
0.17
0.3
VOL
–
P
—
F
—
O
–
,
–
R
—
E
—
S
—
E
—
T
–
Output Voltage
0.13
0.3
V
0.06
0.3
VOL
–
P
—
F
—
O
–
,
–
R
—
E
—
S
—
E
—
T
–
, RESET
Output Voltage
mV
65
25
V
VBATT
- 0.14
VBATT
VBATT
- 0.1
- 0.034
VOUT in Battery-Backup Mode
µV
180
500
IOS
–
P
—
F
—
O
–
,
–
R
—
E
—
S
—
E
—
T
–
Output Short to
GND Current (Note 4)
V
VCC
VCC
- 0.3
- 0.05
VOH
–
P
—
F
—
O
–
,
–
R
—
E
—
S
—
E
—
T
–
Output Voltage
ms
140
200
280
tWP
Reset Timeout Period
3.00
3.085
3.14
V
2.30
2.40
2.50
VSW
Battery Switch Threshold,
VCC Falling
3.00
3.075
3.15
3.00
3.085
3.17
3.00
3.075
3.12
UNITS
MIN
TYP
MAX
SYMBOL
PARAMETER
V
2.59
2.635
2.72
VRST
Reset Threshold (Note 8)
2.55
2.625
2.70
2.55
2.635
2.72
2.59
2.625
2.70
2.88
2.935
3.02
2.85
2.925
3.00
2.85
2.935
3.02
2.88
2.925
3.00
V
Battery Switch Threshold,
VCC Rising (Note 7)
VCC rising
VCC falling
VCC rising
VCC falling
VCC rising
VCC falling
VCC rising
VCC falling
VCC rising
VCC falling
VCC rising
VCC falling
VBATT = 0V, VCC = 1.2V, ISINK = 200µA,
MAX690_E/M, MAX704_E/M, MAX80_ _E/M
ISINK = 1.2mA;
MAX690_/704_/802_/806_, VCC = VRST min;
MAX804_/805_, VCC = VRST max
VBATT - VCC, VSW > VCC > 1.75V (Note 5)
IOUT = 250µA, VBATT = 2.3V
VCC = 3.3V, VOH = 0V
ISOURCE = 50µA
VCC < 3.6V
VBATT > VCC (Note 6)
MAX690S/704S/805S
CONDITIONS
This value is identical to the reset threshold,
VCC rising
VBATT = 0V,
VCC = VRST min;
VRESET = 0V, VCC
VBATT = 0V, VCC = 1.0V, ISINK = 40µA,
MAX690_C, MAX704_C, MAX80_ _C
MAX802R/804R/806S
MAX690T/704T/805T
MAX802T/804T/806T
MAX690R/704R/805R
MAX802S/804S/806S
IOUT = 1mA, VBATT = 2.3V
MAX804_E/M,
MAX805_E/M
MAX804_C,
MAX805_C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com