Electronic Components Datasheet Search
  English  ▼

X  

MTP300 Datasheet(PDF) 2 Page - Nell Semiconductor Co., Ltd

Part # MTP300
Description  High surge current capability
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NELLSEMI [Nell Semiconductor Co., Ltd]
Direct Link  http://www.nellsemi.com
Logo NELLSEMI - Nell Semiconductor Co., Ltd

MTP300 Datasheet(HTML) 2 Page - Nell Semiconductor Co., Ltd

  MTP300 Datasheet HTML 1Page - Nell Semiconductor Co., Ltd MTP300 Datasheet HTML 2Page - Nell Semiconductor Co., Ltd MTP300 Datasheet HTML 3Page - Nell Semiconductor Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
MAJOR RATINGS AND CHARACTERISTICS (T = 25°C unless otherwise noted)
A
PARAMETER
V
V
SYMBOL
MTP300
UNIT
1900
08
900
1100
1300
1800
800
1000
1200
1600
18
12
10
16
1700
1800
800
1000
1200
1600
V
Maximum repetitive peak reverse voltage
Peak reverse non-repetitive voltage
Maximum DC blocking voltage
Maximum average forward rectified output current at T = 100°C
C
Peak forward surge current single sine-wave superimposed on
rated load
Rating (non-repetitive, for t greater than 1 ms and less than 8.3 ms)
for fusing
RMS isolation voltage from case to leads
Operating junction storage temperature range
VRRM
VRSM
IFSM
VDC
IF(AV)
VISO
2
I t
2500
66.4
300
-40 to 150
4000
2
KA s
A
A
V
ºC
ELECTRICAL CHARACTERISTICS (T = 25°C unless otherwise noted)
A
PARAMETER
V
µA
SYMBOL
MTP300
UNIT
08
18
12
10
16
Maximum instantaneous forward drop per diode
Maximum reverse DC current at rated DC blocking
VF
IR
10
1.30
20
voltage per diod
TEST
CONDITIONS
I = 300A
F
T = 25°C
A
T = 150°C
A
THERMAL AND MECHANICAC (T = 25°C unless otherwise noted)
A
PARAMETER
°C/W
SYMBOL
MTP300
UNIT
08
18
12
10
16
Typical thermal resistance
(1) With heatsink, single side heat dissipation, half sine wave.
(1)
RθJC
0.08
Notes
Storage temperature range
TSTG
-40 to 125
ºC
TJ
TEST CONDITIONS
junction to case
Single-side heat dissipation, sine
half wave
Mounting
± 10 %
to heatsink M6
A mounting compound is recommended
and the torque should be rechecked after
a
for the spread
period of 3 hours to allow
of the compound.
4
Nm
to terminal M8
10
Approximate weight
600
torque
g
-
Module type: ”MTP” for 3Ø Brıdge
1
2
3
-
RRM
Device code
-
Voltage code:code x 100 = V
I
rating:"300" for 300 A
F(AV)
mA
2
MTP
300
16
3
1
Page 2 of 3
www.nellsemi.com
SEMICONDUCTOR
RoHS
RoHS
Nell High Power Products
MTP300 Series



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com