Electronic Components Datasheet Search
  English  ▼

X  

NJM2367 Datasheet(PDF) 2 Page - New Japan Radio

Part # NJM2367
Description  5.5A HIGH POWER DC/DC CONVERTER CONTROLLER IC
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio

NJM2367 Datasheet(HTML) 2 Page - New Japan Radio

  NJM2367 Datasheet HTML 1Page - New Japan Radio NJM2367 Datasheet HTML 2Page - New Japan Radio NJM2367 Datasheet HTML 3Page - New Japan Radio NJM2367 Datasheet HTML 4Page - New Japan Radio NJM2367 Datasheet HTML 5Page - New Japan Radio NJM2367 Datasheet HTML 6Page - New Japan Radio NJM2367 Datasheet HTML 7Page - New Japan Radio  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
NJM2367
- 2 -
s
ABSOLUTE MAXIMUM RATINGS (Ta=25°C )
PARAMETER
SYMBOL
RATINGS
UNIT
Maximum Supply Voltage
V
+
40
V
Switch Output Voltage
Vo (SWITCH)
-0.5
∼ +Vin
V
Voltage Feedback and
Compensation Input Voltage Range
VFB,VCOMP
-0.3
∼ +7.0
V
Power Dissipation
PD
TO-220 (5PIN)
16(TC 46°C)
W
Operating Junction Temperature
Tj
-40
∼ +150
°C
Operating Temperature Range
Topr
-40
∼ +85
°C
Storage Temperature Range
Tstg
-50
∼ +150
°C
s
THERMAL CHARACTERISTICS
Junction-to-Ambient Temperature
θja
70
Thermal
Resistance
Junction-to-Case
θjc
6.5
°C/W
s
POWER DISSIPATION vs. AMBIENT TEMPERATURE
(Topr=-40~+85°C, Tj= ~+150°C, PD=16W(TC 46°C))
0
2
4
6
8
10
12
14
16
18
25
50
75
100
Ambient Temperature Ta (°C)
Heat Sink
θHS=10°C/W
θHS=5°C/W
θHS=20°C/W
Without Heat Sink



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com