Electronic Components Datasheet Search
  English  ▼

X  

NK60TP Datasheet(PDF) 2 Page - Nell Semiconductor Co., Ltd

Part # NK60TP
Description  Nell High Power Products
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NELLSEMI [Nell Semiconductor Co., Ltd]
Direct Link  http://www.nellsemi.com
Logo NELLSEMI - Nell Semiconductor Co., Ltd

NK60TP Datasheet(HTML) 2 Page - Nell Semiconductor Co., Ltd

  NK60TP Datasheet HTML 1Page - Nell Semiconductor Co., Ltd NK60TP Datasheet HTML 2Page - Nell Semiconductor Co., Ltd NK60TP Datasheet HTML 3Page - Nell Semiconductor Co., Ltd NK60TP Datasheet HTML 4Page - Nell Semiconductor Co., Ltd NK60TP Datasheet HTML 5Page - Nell Semiconductor Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
SEMICONDUCTOR
RoHS
RoHS
Nell High Power Products
NK60TP Series
Page 2 of 5
www.nellsemi.com
BLOCKING
PARAMETER
V
V/μs
20
1000
mA
2500
UNIT
SWITCHING
PARAMETER
50 to 120
UNIT
Typical turn-off time
tq
µs
I
= 300A, dI/dt = 15 A/µs, T = T maximum
TM
J
J
V = 50V, dV/dt = 20 V/dt, gate 0V, 100Ω
R
T = T maximum,
J
J
60 Hz, circuit to base,
all terminals shorted, 25°C, 60s
lRRM
T = 125
°C
J
lDRM
VISO
dV/dt
Maximum peak reverse and
off-state leakage current
RMS isolation Voltage
Critical rate of rise of
off-state voltage
exponential to 67% VDRM
ELECTRICAL CHARACTERISTICS (T = 25°C unless otherwise noted)
C
PARAMETER
V
µA
SYMBOL
NK60TP
UNIT
12
16
Maximum instantaneous forward drop per diode
Maximum reverse DC current at rated DC blocking
VF
IR
6
1.45
10
voltage per diod
TEST
CONDITIONS
I
= 75A
F
T
= 25°C
C
T
= 150°C
C
mA
Maximum Ratings fo Thyristor
FORWARD CONDUCTION
PARAMETER
SYMBOL
UNIT
TEST CONDITIONS
VALUES
Maximum average on-state current
at case temperature
IT(AV)
180° conduction, half sine wave, 50Hz
A
80
ºC
Maximum peak, one-cycle, on-state
non-reptitive surge current
ITSM
t = 10ms
t = 8.3ms
t = 10ms
t = 8.3ms
t = 10ms
t = 8.3ms
1500
1570
11250
10230
7870
2
A s
A
7160
t = 0.1 to 10 ms, no voltage reapplied
Maximum l t for fusing
2
112.5
V
1.8
60
VTM
2
I √t
2
kA √s
Maximum l √t for fusing
2
No voltage
reapplied
100%VRRM
reapplied
Sine half wave,
initial T = T maximum
J
J
Maximum
voltage drop
on-state
l
= 200A, T = 25°C, 180 conduction
TM
J
°
2
I t
Maximum holding current
Maximum latching current
IH
IL
Anode supply = 6V, resistive load, T = 25°C
J
150
250
mA
VALUES
TEST CONDITIONS
SYMBOL
VALUES
TEST CONDITIONS
SYMBOL



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com