Electronic Components Datasheet Search
  English  ▼

X  

MAX7401ESA Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # MAX7401ESA
Description  8th-Order, Lowpass, Bessel, Switched-Capacitor Filters
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX7401ESA Datasheet(HTML) 6 Page - Maxim Integrated Products

Back Button MAX7401ESA Datasheet HTML 2Page - Maxim Integrated Products MAX7401ESA Datasheet HTML 3Page - Maxim Integrated Products MAX7401ESA Datasheet HTML 4Page - Maxim Integrated Products MAX7401ESA Datasheet HTML 5Page - Maxim Integrated Products MAX7401ESA Datasheet HTML 6Page - Maxim Integrated Products MAX7401ESA Datasheet HTML 7Page - Maxim Integrated Products MAX7401ESA Datasheet HTML 8Page - Maxim Integrated Products MAX7401ESA Datasheet HTML 9Page - Maxim Integrated Products MAX7401ESA Datasheet HTML 10Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
8th-Order, Lowpass, Bessel,
Switched-Capacitor Filters
6
_______________________________________________________________________________________
Typical Operating Characteristics (continued)
(VDD = +5V for MAX7401, VDD = +3V for MAX7405; fCLK = 100kHz; SHDN = VDD; VCOM = VOS = VDD / 2; TA = +25°C; unless otherwise
noted.)
0.96
0.98
0.97
1.00
0.99
1.03
1.02
1.01
1.04
-40
0
-20
20
40
60
80
100
NORMALIZED OSCILLATOR FREQUENCY
vs. TEMPERATURE
TEMPERATURE (°C)
COSC = 390pF
MAX7405
MAX7401
-90
-70
-80
-50
-60
-40
-30
-10
-20
0
012
A
B
345
MAX7401
THD PLUS NOISE vs.
INPUT SIGNAL AMPLITUDE
AMPLITUDE (Vp-p)
NO LOAD
(SEE TABLE A)
-90
-70
-80
-50
-60
-40
-30
-10
-20
0
012345
MAX7401
THD PLUS NOISE vs. INPUT SIGNAL
AMPLITUDE AND RESISTIVE LOAD
AMPLITUDE (Vp-p)
RL = 500Ω
RL = 1kΩ
RL = 10kΩ
fIN = 200Hz
fC = 1kHz
MEASUREMENT BW = 22kHz
TRACE
fIN
(Hz)
fC
(kHz)
A
1000
5
B
200
1
fCLK
(kHz)
500
100
MEASUREMENT
BANDWIDTH (kHz)
80
22
Table A. THD Plus Noise vs. Input
Signal Amplitude Test Conditions
-90
-70
-80
-40
-50
-60
-10
-20
-30
0
0
1.0
0.5
1.5
2.0
2.5
3.0
MAX7405
THD PLUS NOISE vs.
INPUT SIGNAL AMPLITUDE
AMPLITUDE (Vp-p)
B
NO LOAD
(SEE TABLE A)
A
-90
-70
-80
-40
-50
-60
-10
-20
-30
0
0
1.0
0.5
1.5
2.0
2.5
3.0
MAX7405
THD PLUS NOISE vs. INPUT SIGNAL
AMPLITUDE AND RESISTIVE LOAD
AMPLITUDE (Vp-p)
fIN = 200Hz
fC = 1kHz
MEASUREMENT BW = 22kHz
RL = 500Ω
RL = 1kΩ
RL = 10kΩ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com