Electronic Components Datasheet Search
  English  ▼

X  

MAX7401EPA Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX7401EPA
Description  8th-Order, Lowpass, Bessel, Switched-Capacitor Filters
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX7401EPA Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX7401EPA Datasheet HTML 1Page - Maxim Integrated Products MAX7401EPA Datasheet HTML 2Page - Maxim Integrated Products MAX7401EPA Datasheet HTML 3Page - Maxim Integrated Products MAX7401EPA Datasheet HTML 4Page - Maxim Integrated Products MAX7401EPA Datasheet HTML 5Page - Maxim Integrated Products MAX7401EPA Datasheet HTML 6Page - Maxim Integrated Products MAX7401EPA Datasheet HTML 7Page - Maxim Integrated Products MAX7401EPA Datasheet HTML 8Page - Maxim Integrated Products MAX7401EPA Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
8th-Order, Lowpass, Bessel,
Switched-Capacitor Filters
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
ELECTRICAL CHARACTERISTICS—MAX7401
(VDD = +5V, filter output measured at OUT, 10kΩ || 50pF load to GND at OUT, OS = COM, 0.1µF from COM to GND,
SHDN = VDD, fCLK = 100kHz, TA = TMIN to TMAX, unless otherwise noted. Typical values are at TA = +25°C.)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
VDD to GND
MAX7401 ..............................................................-0.3V to +6V
MAX7405 ..............................................................-0.3V to +4V
IN, OUT, COM, OS, CLK ...........................-0.3V to (VDD + 0.3V)
SHDN........................................................................-0.3V to +6V
OUT Short-Circuit Duration...................................................1sec
Continuous Power Dissipation (TA = +70°C)
8-Pin SO (derate 5.88mW/°C above +70°C)................471mW
8-Pin DIP (derate 9.09mW/°C above +70°C) ...............727mW
Operating Temperature Ranges
MAX740 _C_A ....................................................0°C to +70°C
MAX740 _E_A .................................................-40°C to +85°C
Storage Temperature Range .............................-65°C to +150°C
Lead Temperature (soldering, 10sec) .............................+300°C
COSC = 1000pF (Note 4)
VOS = 0 to (VDD - 1V) (Note 3)
SHDN = GND, VCOM = 0 to VDD
(Note 1)
Input, COM externally driven
fIN = 200Hz, VIN = 4Vp-p,
measurement bandwidth = 22kHz
VIN = VCOM = VDD / 2
VCOM = VDD / 2 (Note 2)
CONDITIONS
29
38
48
fOSC
Internal Oscillator Frequency
±0.1
±10
Input Leakage Current at OS
±0.1
±10
Input Leakage Current at COM
50
500
CL
10
1
RL
Resistive Output Load Drive
10
Clock Feedthrough
75
125
RCOM
Input Resistance at COM
100:1
fCLK /fC
Clock-to-Corner Ratio
0.001 to 5
fC
Corner Frequency
VCOM
1
AOS
OS Voltage Gain to OUT
-82
THD+N
Total Harmonic Distortion
plus Noise
10
Clock-to-Corner Tempco
0.25
VDD - 0.25
Output Voltage Range
±5
±25
VOFFSET
Output Offset Voltage
-0.1
0.15
0.3
DC Insertion Gain with
Output Offset Removed
MIN
TYP
MAX
SYMBOL
PARAMETER
VCLK = 0 or 5V
0.5
VIL
Clock Input Low
VDD - 0.5
VIH
Clock Input High
±15
±30
ICLK
Clock Input Current
V
V
µA
kHz
µA
µA
pF
k
Ω
mVp-p
k
Ω
V
V/ V
dB
dB
mV
V
ppm/°C
kHz
UNITS
Maximum Capacitive Load at
OUT
COM Voltage Range
VDD / 2
VDD / 2
VDD / 2
- 0.5
+ 0.5
VCOM ±0.1
VOS
Input Voltage Range at OS
V
VDD / 2
VDD / 2
VDD / 2
- 0.2
+ 0.2
FILTER CHARACTERISTICS
CLOCK
Output, COM internally biased



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com