Electronic Components Datasheet Search
  English  ▼

X  

3198 Datasheet(PDF) 1 Page - Cornell Dubilier Electronics

Part # 3198
Description  Very Long Life, Low ESR
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDE [Cornell Dubilier Electronics]
Direct Link  http://www.cde.com
Logo CDE - Cornell Dubilier Electronics

3198 Datasheet(HTML) 1 Page - Cornell Dubilier Electronics

  3198 Datasheet HTML 1Page - Cornell Dubilier Electronics 3198 Datasheet HTML 2Page - Cornell Dubilier Electronics 3198 Datasheet HTML 3Page - Cornell Dubilier Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
CDM Cornell Dubilier • 140 Technology Place • Liberty, SC 29657 • Phone: (864)843-2277 • Fax: (864)843-3800
Type 3198 105 °C Aluminum Electrolytic, Screw Terminal
Very Long Life, Low ESR
Specifications
Temperature Range
–40 ºC to +105 ºC
Rated Voltage Range
6.3 Vdc to 75 Vdc
Capacitance Range
220 uF to 1.0 F
Endurance
3000 h / 105 °C
RoHS Compliant
Diam. (D)
Length (L)
Terminal Space(P)
Optional
Bracket
Part No.
Case
±0.031
±0.8
±0.062
±1.6
±0.014
±0.4
Vent Plug (A)
Typical Weight
Code
(in)
(mm )
(in)
(mm )
(in)
(mm )
(in)
(mm )
(oz )
(g)
BA
1.375
34.9
2.125
54.0
0.5
12.7
0.39
8.0
2.5
72
115058-06
BB
1.375
34.9
2.625
66.7
0.5
12.7
0.39
8.0
3.2
90
115058-06
BC
1.375
34.9
3.125
79.4
0.5
12.7
0.39
8.0
3.7
105
115058-06
BD
1.375
34.9
3.625
92.1
0.5
12.7
0.39
8.0
4.2
120
115058-06
BE
1.375
34.9
4.125
104.8
0.5
12.7
0.39
8.0
4.7
135
115058-06
BF
1.375
34.9
4.625
117.5
0.5
12.7
0.39
8.0
6.0
170
115058-06
BG
1.375
34.9
5.125
130.2
0.5
12.7
0.39
8.0
7.7
220
115058-06
BH
1.375
34.9
5.625
142.9
0.5
12.7
0.39
8.0
9.5
270
115058-06
DA
1.750
44.5
2.125
54.0
0.75
19.1
0.453
11.5
5.6
160
115058-15
DB
1.750
44.5
2.625
66.7
0.75
19.1
0.453
11.5
6.1
175
115058-15
DC
1.750
44.5
3.125
79.4
0.75
19.1
0.453
11.5
6.3
180
115058-15
DD
1.750
44.5
3.625
92.1
0.75
19.1
0.453
11.5
7.2
205
115058-15
DE
1.750
44.5
4.125
104.8
0.75
19.1
0.453
11.5
7.7
220
115058-15
DF
1.750
44.5
4.625
117.5
0.75
19.1
0.453
11.5
8.2
235
115058-15
DG
1.750
44.5
5.125
130.2
0.75
19.1
0.453
11.5
8.8
250
115058-15
DH
1.750
44.5
5.625
142.9
0.75
19.1
0.453
11.5
9.5
270
115058-15
EA
2.000
50.8
2.125
54.0
0.875
22.2
0.5
12.7
6.0
170
115058-09
EB
2.000
50.8
2.625
66.7
0.875
22.2
0.5
12.7
6.3
180
115058-09
EC
2.000
50.8
3.125
79.4
0.875
22.2
0.5
12.7
6.7
190
115058-09
ED
2.000
50.8
3.625
92.1
0.875
22.2
0.5
12.7
7.7
220
115058-09
EE
2.000
50.8
4.125
104.8
0.875
22.2
0.5
12.7
8.9
255
115058-09
EF
2.000
50.8
4.625
117.5
0.875
22.2
0.5
12.7
10.2
290
115058-09
EG
2.000
50.8
5.125
130.2
0.875
22.2
0.5
12.7
11.2
320
115058-09
EH
2.000
50.8
5.625
142.9
0.875
22.2
0.5
12.7
12.3
350
115058-09
FB
2.500
63.5
2.625
66.7
1.125
28.6
0.625
15.9
10.5
300
115058-14
FC
2.500
63.5
3.125
79.4
1.125
28.6
0.625
15.9
13.0
370
115058-14
FD
2.500
63.5
3.625
92.1
1.125
28.6
0.625
15.9
14.0
400
115058-14
FE
2.500
63.5
4.125
104.8
1.125
28.6
0.625
15.9
15.6
445
115058-14
FF
2.500
63.5
4.625
117.5
1.125
28.6
0.625
15.9
21.0
600
115058-14
FG
2.500
63.5
5.125
130.2
1.125
28.6
0.625
15.9
22.8
650
115058-14
FH
2.500
63.5
5.625
142.9
1.125
28.6
0.625
15.9
21.0
600
115058-14
GC
3.000
76.2
3.125
79.4
1.25
31.8
0.75
19.0
18.2
520
115058-11
GD
3.000
76.2
3.625
92.1
1.25
31.8
0.75
19.0
20.0
570
115058-11
GE
3.000
76.2
4.125
104.8
1.25
31.8
0.75
19.0
21.0
600
115058-11
GF
3.000
76.2
4.625
117.5
1.25
31.8
0.75
19.0
25.2
720
115058-11
GG
3.000
76.2
5.125
130.2
1.25
31.8
0.75
19.0
29.8
850
115058-11
GH
3.000
76.2
5.625
142.9
1.25
31.8
0.75
19.0
34.0
970
115058-11
GJ
3.000
76.2
5.875
149.2
1.25
31.8
0.75
19.0
36.8
1050
115058-11
GN
3.000
76.2
8.625
219.1
1.25
31.8
0.75
19.0
51.1
1460
115058-11
Case Dimensions, Uninsulated Bare Can
Type 3198 has very long life and low ESR. Applications
include industrial, power supplies and audio.
click here to see hardware and mounting options


Similar Part No. - 3198

ManufacturerPart #DatasheetDescription
logo
KR Electronics, Inc.
3198 KR-3198 Datasheet
105Kb / 3P
253.9 MHz Bandpass Filter
logo
ASM GmbH
3198 ASM-SENSOR-3198 Datasheet
2Mb / 12P
NETZQUALIT횆TSANALYSATOR
logo
Cornell Dubilier Electr...
3198 CDE-3198 Datasheet
2Mb / 3P
Very Long Life, Low ESR
3198 CDE-3198 Datasheet
1Mb / 3P
Screw Terminal Mounting Hardware and Accessories
logo
List of Unclassifed Man...
3198 ETC2-3198 Datasheet
68Kb / 1P
WASHERS
More results

Similar Description - 3198

ManufacturerPart #DatasheetDescription
logo
EPCOS
B41888 EPCOS-B41888 Datasheet
717Kb / 27P
Long-life grade capacitors Very low impedance
logo
RUBYCON CORPORATION
16YXF470MEFC10X12.5 RUBYCON-16YXF470MEFC10X12.5 Datasheet
256Kb / 2P
105??Long Life. Low impedance.
50YXF100MEFCTA8X11.5 RUBYCON-50YXF100MEFCTA8X11.5 Datasheet
256Kb / 2P
105??Long Life. Low impedance.
50YXF330MEFC10X20 RUBYCON-50YXF330MEFC10X20 Datasheet
256Kb / 2P
105??Long Life. Low impedance.
logo
jb Capacitors Company
JRD JBCAPACITORS-JRD Datasheet
480Kb / 3P
Low Impedance, Long Life
logo
HB Electronic Component...
E12EB7C-O HB-E12EB7C-O Datasheet
553Kb / 5P
High reliability and Very long operating life
logo
Illinois Capacitor, Inc...
GXX ILLINOISCAPACITOR-GXX Datasheet
230Kb / 2P
High temperature ??Very Low ESR ??High ripple current ??stablewith temperature ??High frequency ??Long life ??ROHS compliant
logo
Cornell Dubilier Electr...
400C CDE-400C_13 Datasheet
143Kb / 6P
Very Long Life Board-Mount Type
3198 CDE-3198_17 Datasheet
2Mb / 3P
Very Long Life, Low ESR
LP472M016A1P3 CDE-LP472M016A1P3_18 Datasheet
355Kb / 4P
Stable ESR, Long Life, Snap-In
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com