Electronic Components Datasheet Search
  English  ▼

X  

MAX7443ESA Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # MAX7443ESA
Description  Triple-Channel Video Reconstruction Filter and Buffer for Composite and Y/C Outputs
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX7443ESA Datasheet(HTML) 5 Page - Maxim Integrated Products

  MAX7443ESA Datasheet HTML 1Page - Maxim Integrated Products MAX7443ESA Datasheet HTML 2Page - Maxim Integrated Products MAX7443ESA Datasheet HTML 3Page - Maxim Integrated Products MAX7443ESA Datasheet HTML 4Page - Maxim Integrated Products MAX7443ESA Datasheet HTML 5Page - Maxim Integrated Products MAX7443ESA Datasheet HTML 6Page - Maxim Integrated Products MAX7443ESA Datasheet HTML 7Page - Maxim Integrated Products MAX7443ESA Datasheet HTML 8Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
12dB Gain Setting
The GSET pin is biased internally to VCC/2 through two
100k
Ω resistors from VCC to GND. The internal imped-
ance at the node is 50k
Ω. No additional connection is
necessary since the pin offers a minimum noise margin
immunity of 1VP-P.
Output Clamp Level
When sync pulses in the luma signal (Y) are detected,
the DC restore loop is activated. The function of the
loop is to set the sync tip of the video signal to the
desired DC level of 0.8V for YOUT and COUT and the
average DC voltage of COUT at 1.6V.
Applications Information
Input Considerations
Use a 0.1µF ceramic capacitor to AC-couple the input
to the MAX7443/MAX7444. This input capacitor stores
a DC level such that the outputs are clamped to the
appropriate DC voltage level.
Output Considerations
The outputs of the MAX7443/MAX7444 are typically
connected to a 75
Ω series back-match resistor fol-
lowed by the video cable. Because of the inherent
divide by two of this configuration, the blanking level of
the video cable is always less than 1V, which complies
with industry-standard video requirements. The video
buffer can also drive an AC-coupled video load. Good
video performance is achieved with an output capacitor
as low as 220µF.
Power-Supply Bypassing and Layout
The MAX7443/MAX7444 operate from a single +5V
supply. Bypass VCC to GND with a 0.1µF capacitor.
Place all external components as close to the device as
possible. Refer to the MAX7443 evaluation kit for a
proven PC board layout example.
Exposed Pads
Both the SO and thin QFN packages of the MAX7443/
MAX7444 have exposed pads on the bottom of the
packages. These pads are electrically connected to
GND and should be connected to the ground plane for
improved thermal conductivity. Do not route signals
under these packages.
Chip Information
TRANSISTOR COUNT: 4252
PROCESS: BiCMOS
Triple-Channel Video Reconstruction Filter and
Buffer for Composite and Y/C Outputs
_______________________________________________________________________________________________________
5
GSET
GAIN (dB)
GND
6
VCC
9.5
Open
12
Table 1. Gain-Setting Control
COUT
VCC
GND
1
2
8
7
YOUT
CVOUT
GSET
CIN
YIN
3
4
6
5
THIN QFN
TOP VIEW
COUT
VCC
GND
1
2
8
7
YOUT
CVOUT
GSET
CIN
YIN
3
4
6
5
SO
MAX7443
MAX7444
MAX7443
MAX7444
Pin Configurations
Selector Guide
PART
HIGH-FREQUENCY BOOST
MAX7443ETA
No
MAX7443ESA
No
MAX7444ETA
Yes
MAX7444ESA
Yes



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com