Electronic Components Datasheet Search
  English  ▼

X  

MAX746 Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX746
Description  High-Efficiency, PWM, Step-Down, N-Channel DC-DC Controller
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX746 Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX746 Datasheet HTML 1Page - Maxim Integrated Products MAX746 Datasheet HTML 2Page - Maxim Integrated Products MAX746 Datasheet HTML 3Page - Maxim Integrated Products MAX746 Datasheet HTML 4Page - Maxim Integrated Products MAX746 Datasheet HTML 5Page - Maxim Integrated Products MAX746 Datasheet HTML 6Page - Maxim Integrated Products MAX746 Datasheet HTML 7Page - Maxim Integrated Products MAX746 Datasheet HTML 8Page - Maxim Integrated Products MAX746 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
High-Efficiency, PWM, Step-Down,
N-Channel DC-DC Controller
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
Supply Voltage V+, AV+ to GND ..............................-0.3V to 17V
HIGH, EXT to GND....................................................-0.3V to 21V
AGND to GND..........................................................-0.3V to 0.3V
All Other Pins................................................-0.3V to (V+ + 0.3V)
Reference Current (IREF) ....................................................±2mA
Continuous Power Dissipation (TA = +70°C)
Plastic DIP (derate 10.53mW/°C above +70°C) ..........842mW
Narrow SO (derate 8.70mW/°C above +70°C) ............696mW
CERDIP (derate 10.00mW/°C above +70°C) ...............800mW
Operating Temperature Ranges:
MAX746C_E ........................................................0°C to +70°C
MAX746E_E .....................................................-40°C to +85°C
MAX746MJE ..................................................-55°C to +125°C
Junction Temperatures:
MAX746C_E/E_E..........................................................+150°C
MAX746MJE.................................................................+175°C
Storage Temperature Range .............................-65°C to +160°C
Lead Temperature (soldering, 10sec) .............................+300°C
ELECTRICAL CHARACTERISTICS
(V+ = 10V, ILOAD = 0A, IREF = 0µA, TA = TMIN to TMAX, unless otherwise noted.)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
Efficiency
94
%
Load Regulation
1.3
2.5
%
Line Regulation
0.1
%/V
OUT Leakage Current
50
80
µA
FB Input Logic Low
40
mV
Output Voltage
Input Voltage
415
V
VOUT
4.85
5.08
5.25
V
Feedback Voltage
VFB
V
Reference Voltage
VREF
1.96
2.00
2.04
Reference Load Regulation
920
mV
Soft-Start Source Current
0.5
1.0
1.5
µA
Soft-Start Fault Current (Note 1)
100
500
µA
Supply Current (Note 2)
ISUPP
1.7
mA
0.95
1.4
20
µA
Oscillator Frequency
fOSC
80
100
120
kHz
CONDITIONS
IREF = 0µA to 100µA
0V < (V+ - CS) < 0.125V
V+ = 4V to 15V, external feedback mode
VOUT = 5V
For dual-mode switchover
SS = 0V
SS = 2V
Operating, V+ = 15V
Operating, V+ = 10V
Shutdown mode
(V+ - CS) = 0V,
external feedback mode
FB Input Leakage Current
1
100
nA
FB = 2V
IREF = 0µA
MAX746E/M
MAX746E/M
1.95
2.00
2.05
MAX746C
V+
V+ = 6V to 15V, 0V < (V+ - CS) < 0.125V,
FB = 0V (includes line and load regulation)
MAX746C
1.96
2.00
2.04
V+ = 6V to 15V, FB = 0V
0.05
Circuit of Figure 1, ILOAD = 0.5A to 2.5A,
V+ = 6V
1.97
2.00
2.03
V
MAX746E/M
MAX746C
1.1
1.4
MAX746E/M
85
100
115
MAX746C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com