Electronic Components Datasheet Search
  English  ▼

X  

MAX747 Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX747
Description  High-Efficiency PWM, Step-Down P-Channel DC-DC Controller
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX747 Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX747 Datasheet HTML 1Page - Maxim Integrated Products MAX747 Datasheet HTML 2Page - Maxim Integrated Products MAX747 Datasheet HTML 3Page - Maxim Integrated Products MAX747 Datasheet HTML 4Page - Maxim Integrated Products MAX747 Datasheet HTML 5Page - Maxim Integrated Products MAX747 Datasheet HTML 6Page - Maxim Integrated Products MAX747 Datasheet HTML 7Page - Maxim Integrated Products MAX747 Datasheet HTML 8Page - Maxim Integrated Products MAX747 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
High-Efficiency PWM, Step-Down
P-Channel DC-DC Controller
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
Supply Voltage V+, AV+ to GND ..............................-0.3V to 17V
AGND to GND..........................................................-0.3V to 0.3V
All Other Pins................................................-0.3V to (V+ + 0.3V)
Reference Current (I
REF) ....................................................±2mA
Continuous Power Dissipation (TA = +70°C)
Plastic DIP (derate 10.00mW/°C above +70°C) ..........800mW
SO (derate 8.33mW/°C above +70°C) .........................667mW
CERDIP (derate 9.09mW/°C above +70°C) .................727mW
Operating Temperature Ranges:
MAX747C_D .......................................................0°C to +70°C
MAX747E_D.....................................................-40°C to +85°C
MAX747MJD ..................................................-55°C to +125°C
Junction Temperature
MAX747C_D/E_D .........................................................+150°C
MAX747MJD ...............................................................+175°C
Storage Temperature Range .............................-65°C to +160°C
Lead Temperature (soldering, 10sec) .............................+300°C
ELECTRICAL CHARACTERISTICS
(V+ = 10V, ILOAD = 0mA, IREF = 0mA, TA = TMIN to TMAX, unless otherwise noted.)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and
functional operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied.
Exposure to absolute maximum rating conditions for extended periods may affect device reliability.
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Input Voltage Range
V+
For regulated outputs
415
V
Output Voltage
VOUT
V+ = 6V to 15V, 0V < V+ - CS < 0.125V, FB = 0V
(includes line and load regulation)
4.85
5.08
5.25
V
Feedback Voltage
1.96
2.00
2.04
V
V+ = 6V to 15V, FB = 0V
0.05
Line Regulation
V+ = 4V to 15V, external feedback mode
0.1
%V
Load Regulation
0V < V+ - CS < 0.125V
1.3
2.5
%
Efficiency
Circuit of Figure 1, ILOAD = 0.5A to 2.5A
91
%
OUT Leakage Current
VOUT = 5V
50
80
µA
FB Input Logic Low
For dual-mode switchover
40
mV
FB Input Leakage Current
FB = 2V
0.1
100
nA
Reference Voltage
IREF = 0µA
1.97
2.00
2.03
V
Reference Load Regulation
IREF = 0µA to 100µA
920
mV
Soft-Start Source Current
SS = 0V
1
µA
Soft-Start Fault Current
SS = 2V
100
500
µA
Operating, V+ = 15V
0.95
1.3
Operating, V+ = 10V
0.8
mA
Supply Current
Shutdown mode
0.6
20
µA
Oscillator Frequency
fOSC
MAX747C
85
100
115
kHz
Maximum Duty Cycle
V+ = 6V
91
96
%
CS Amp ILIM Threshold
VLIMIT
V+ - CS
125
150
175
mV
EXT Output High
IEXT = -1mA (sourcing)
V+ – 0.1
V
EXT Output Low
IEXT = 1mA (sinking)
0.25
V
EXT Sink Current
VEXT = 7.5V
110
mA
EXT Source Current
VEXT = 2.5V
170
mA
CC Impedance
24
k
Ω
LBI Threshold Voltage
VTH
LBI falling
1.97
2.00
2.03
V
LBI Input Leakage Current
LBI = 2.5V
100
nA
SHDN Input Voltage Low
VIL
0.4
V
SHDN Input Voltage High
VIH
2.0
V
SHDN Input Leakage Current
SHDN = 10V
0.1
100
nA
VREF
LBO Output Leakage Current
V+ = 15V, LBO = 15V, LBI = 2.5V
1
µA
LBO Output Voltage Low
ISINK = 0.5mA
0.4
V
MAX747C
MAX747EM
1.96
2.00
2.04
MAX747E/M
80
100
120
MAX747C
MAX747E/M
1.96
2.00
2.04
V+ - CS = 0V, external
feedback mode
MAX747C
MAX747E/M
1.95
2.00
2.05



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com