Electronic Components Datasheet Search
  English  ▼

X  

MAX7444ESA Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX7444ESA
Description  Triple-Channel Video Reconstruction Filter and Buffer for Composite and Y/C Outputs
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX7444ESA Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX7444ESA Datasheet HTML 1Page - Maxim Integrated Products MAX7444ESA Datasheet HTML 2Page - Maxim Integrated Products MAX7444ESA Datasheet HTML 3Page - Maxim Integrated Products MAX7444ESA Datasheet HTML 4Page - Maxim Integrated Products MAX7444ESA Datasheet HTML 5Page - Maxim Integrated Products MAX7444ESA Datasheet HTML 6Page - Maxim Integrated Products MAX7444ESA Datasheet HTML 7Page - Maxim Integrated Products MAX7444ESA Datasheet HTML 8Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
Triple-Channel Video Reconstruction Filter and
Buffer for Composite and Y/C Outputs
4
_______________________________________________________________________________________
65
70
80
75
85
90
-40
10
-15
35
60
85
SUPPLY CURRENT
vs. TEMPERATURE
TEMPERATURE (
°C)
DIFFERENTIAL GAIN
13
24
5
6
7
13
24
5
6
7
0.2
0.3
0.1
0
-0.1
-0.2
-0.3
0.2
0.3
0.1
0
-0.1
-0.2
-0.3
DIFFERENTIAL PHASE
MULTIBURST RESPONSE
YIN
200mV/div
YOUT
200mV/div
10
µs/div
Typical Operating Characteristics (continued)
(VCC = +5V, TA = +25°C, unless otherwise noted.)
Detailed Description
The primary function of the MAX7443/MAX7444 is to fil-
ter and buffer the encoder DAC outputs that contain
digital video information in applications such as set-top
boxes, hard-disk recorders, DVD players, and digital
VCRs. These devices reconstruct and clean up analog
video signals. Each MAX7443/MAX7444 consists of a
lowpass filter and an adjustable-gain output video
buffer that is capable of driving two standard 150
Ω
video loads. The luma (YIN) and chroma (CIN) video
inputs are summed internally to provide the composite
(CVOUT) video output.
These devices operate from a single +5V supply. The
filters have a nominal cutoff frequency optimized for
NTSC, PAL, and SDTV.
Filter
Filter Response
The reconstruction filter consists of two 2nd-order
Sallen-Key stages. The Butterworth-type response fea-
tures a maximally flat passband for NTSC and PAL
bandwidths. The stopband offers 41dB (typ) of attenua-
tion at sampling frequencies of 27MHz and above (see
Typical Operating Characteristics).
High-Frequency Boost
The high-frequency boost available in the MAX7444
compensates for signal degradation and rolloff in the
video encoder, which increases the image sharpness.
The MAX7443 has a flat response over the video band-
width.
Output Buffer
The output buffer drives two 150
Ω video loads with a
2VP-P signal. The adjustable gain of the output buffer
provides a gain of 6dB, 9.5dB, and 12dB, which are
selected by tying the GSET pin to GND, VCC, or float-
ing, respectively. The MAX7443/MAX7444 can drive an
AC load or drive the video load directly without using
the large output capacitor. The output buffer drives a
DC load with an output blanking level of less than 1V.
PIN
NAME
FUNCTION
1
YIN
Luma (Y) Input
2
GSET
Gain-Setting Control Input. See Table 1
for values.
3
CIN
Chroma (C) Input
4
GND
Ground
5VCC
5V Power Supply
6
COUT
Chroma (C) Output
7
CVOUT
Composite Video Output
8
YOUT
Luma (Y) Output
Pin Description



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com