Electronic Components Datasheet Search
  English  ▼

X  

MAX746C/D Datasheet(PDF) 16 Page - Maxim Integrated Products

Part # MAX746C/D
Description  High-Efficiency, PWM, Step-Down, N-Channel DC-DC Controller
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX746C/D Datasheet(HTML) 16 Page - Maxim Integrated Products

Back Button MAX746C/D Datasheet HTML 8Page - Maxim Integrated Products MAX746C/D Datasheet HTML 9Page - Maxim Integrated Products MAX746C/D Datasheet HTML 10Page - Maxim Integrated Products MAX746C/D Datasheet HTML 11Page - Maxim Integrated Products MAX746C/D Datasheet HTML 12Page - Maxim Integrated Products MAX746C/D Datasheet HTML 13Page - Maxim Integrated Products MAX746C/D Datasheet HTML 14Page - Maxim Integrated Products MAX746C/D Datasheet HTML 15Page - Maxim Integrated Products MAX746C/D Datasheet HTML 16Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 16 / 16 page
background image
Maxim cannot assume responsibility for use of any circuitry other than circuitry entirely embodied in a Maxim product. No circuit patent licenses are
implied. Maxim reserves the right to change the circuitry and specifications without notice at any time.
16 __________________Maxim Integrated Products, 120 San Gabriel Drive, Sunnyvale, CA 94086 (408) 737-7600
© 1993 Maxim Integrated Products
Printed USA
is a registered trademark of Maxim Integrated Products.
High-Efficiency, PWM, Step-Down,
N-Channel DC-DC Controller
SUPPLIER
PHONE
FAX
Coiltronics
(305) 781-8900
(305) 782-4163
Gowanda
(716) 532-2234
(716) 532-2702
Sumida USA
(708) 956-0666
(708) 956-0702
Sumida Japan
81-3-3607-511
81-3-3607-5428
Kemet
(803) 963-6300
(803) 963-6322
Matsuo
(714) 969-2491
(714) 960-6492
Nichicon
(708) 843-7500
(708) 843-2798
Sprague
(603) 224-1961
(603) 224-1430
Sanyo Japan
81-3-3837-6242
United Chemi-Con
(714) 255-9500
(714) 255-9400
Motorola
(800) 521-6274
Nihon USA
(805) 867-2555
(805) 867-2698
Nihon Japan
81-3-3494-7411
81-3-3494-7414
Harris
(407) 724-3739
(407) 724-3937
International Rectifier
(213) 772-2000
(213) 772-9028
Siliconix
(408) 988-8000
(408) 727-5414
IRC
(512) 992-7900
(512) 992-3377
Sanyo USA
(619) 661-6322
INDUCTORS
CAPACITORS
DIODES
POWER TRANSISTORS
RESISTORS
Table 3. Component Suppliers
___________________Chip Topography
or equal to the N-FET’s VGS threshold voltage. Once
the switch is off, the voltage at EXT is pulled to GND
and the N-FET source voltage is a Schottky diode
drop below GND. However, this is not always the case
in the “in-between” mode, due to the changing duty
cycle inherent with DCM. When the device is at maxi-
mum duty cycle, EXT turns off at VGS, but the switch
sometimes turns on again after the minimum off-time
before EXT can be pulled to GND. This results in short
spikes, which can be seen on the EXT waveform in the
Typical Operating Characteristics.
AC Stability with Low Input/Output Differentials
At low input/output differentials, the inductor current
cannot slew quickly enough to respond to load
changes, so the output filter capacitor must hold up the
voltage as the load transient is applied. In Figure 1a’s
circuit, for V+ = 6V, increase the output filter capacitor
to 900µF (Sprague 595D low-ESR capacitors) to obtain
a transient response less than 250mV with a load step
from 0.1A to 3A. As V+ increases, the inductor current
slews faster, so the size of the output filter capacitor can
be reduced (see Table 1).
HIGH
AGND
EXT
SS
REF
SHDN
LBI LBO GND
CS
OUT
CC
FB
AV+
0.130"
(3.30mm)
0.080"
(2.03mm)
TRANSISTOR COUNT: 508;
SUBSTRATE CONNECTED TO HIGH.
V+
CP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com