| Electronic Components Datasheet Search |
|
MAX707 Datasheet(PDF) 2 Page - Maxim Integrated Products |
|
|
|||||||||||||||||||||||||||||
MAX707 Datasheet(HTML) 2 Page - Maxim Integrated Products |
|
2 / 12 page ![]() Low-Cost, µP Supervisory Circuits 2 _______________________________________________________________________________________ Terminal Voltage (with respect to GND) VCC .............................................. -0.3V to 6.0V All Other Inputs (Note 1) ............... -0.3V to (VCC + 0.3V) Input Current VCC ...................................................... 20mA GND .................................................... 20mA Output Current (all outputs) ............................. 20mA Continuous Power Dissipation Plastic DIP (derate 9.09mW/°C above +70°C) ....... 727mW SO (derate 5.88mW/°C above +70°C) ............... 471mW µMAX (derate 4.10mW/°C above +70°C) ............ 330mW CERDIP (derate 8.00mW/°C above +70°C) .......... 640mW Operating Temperature Ranges MAX70_C__, MAX813LC__ .................... 0°C to +70°C MAX70_E__, MAX813LE__ ................... -40°C to +85°C MAX70_MJA ................................ -55°C to +125°C Storage Temperature Range ................ -65°C to +160°C Lead Temperature (soldering, 10sec) ................ +300°C ELECTRICAL CHARACTERISTICS (VCC = 4.75V to 5.5V for MAX705/MAX707/MAX813L, VCC = 4.5V to 5.5V for MAX706/MAX708, TA = TMIN to TMAX, unless otherwise noted.) Stresses beyond those listed under "Absolute Maximum Ratings" may cause permanent damage to the device. These are stress ratings only, and functional operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to absolute maximum rating conditions for extended periods may affect device reliability. PARAMETER SYMBOL CONDITIONS MIN TYP MAX UNITS Operating Voltage Range VCC MAX70_C 1.0 5.5 V MAX813LC 1.1 5.5 MAX70_E/M, MAX813LE/M 1.2 5.5 Reset Threshold (Note 2) VRT MAX705, MAX707, MAX813L 4.50 4.65 4.75 MAX706, MAX708 4.25 4.40 4.50 40 mV Reset Pulse Width (Note 2) tRS 140 200 280 ms RESET Output Voltage ISOURCE = 800µA VCC - 1.5 V ABSOLUTE MAXIMUM RATINGS Note 1: The input voltage limits on PFI and MR can be exceeded if the input current is less than 10mA. Reset Threshold Hysteresis (Note 2) ISINK = 3.2mA 0.4 0.3 0.3 RESET Output Voltage MAX707, MAX708, ISOURCE = 800µA V MAX707, MAX708, ISINK = 1.2mA 0.4 0.8 0.9 MAX813L VCC - 1.5 0.4 Watchdog Timeout Period tWD MAX705, MAX706, MAX813L 1.00 1.60 2.25 sec WDI Pulse Width tWP VIL = 0.4V, VIH = (VCC) (0.8) 50 ns WDI Input Threshold 0.8 V 3.5 MAX70_C, VCC = 1V, ISINK = 50µA MAX70_E/M, VCC = 1.2V, ISINK = 100µA MAX813LC, ISOURCE = 4µA, VCC = 1.1V MAX813LE/M, ISOURCE = 4µA, VCC = 1.2V ISOURCE = 800µA ISINK = 3.2mA Low High WDI Input Current MAX705, MAX706, MAX813L, WDI = VCC 50 150 µA MAX705, MAX706, MAX813L, WDI = 0V -150 -50 WDO Output Voltage VCC - 1.5 V 0.4 MAX705, MAX706, MAX813L, VCC = 5V MAX705, MAX706, MAX813L, ISOURCE = 800µA MAX705, MAX706, MAX813L, ISINK = 1.2mA V VCC - 1.5 MAX707C, MAX708C 50 350 MAX707E/M, MAX708E/M 50 500 Supply Current ISUPPLY MAX705C, MAX706C, MAX813LC 150 350 µA MAX705E/M, MAX706E/M, MAX813LE/M 150 500 |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |